Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S9530SM Datasheet(PDF) 6 Page - Intersil Corporation

Part # RF1S9530SM
Description  12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S9530SM Datasheet(HTML) 6 Page - Intersil Corporation

  RF1S9530SM Datasheet HTML 1Page - Intersil Corporation RF1S9530SM Datasheet HTML 2Page - Intersil Corporation RF1S9530SM Datasheet HTML 3Page - Intersil Corporation RF1S9530SM Datasheet HTML 4Page - Intersil Corporation RF1S9530SM Datasheet HTML 5Page - Intersil Corporation RF1S9530SM Datasheet HTML 6Page - Intersil Corporation RF1S9530SM Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-14
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VGS
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
td(ON)
tr
90%
10%
VDS
90%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
10%
0
0
0.3
µF
12V
BATTERY
50k
+VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
-VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
0
IG(REF)
IRF9530, RF1S9530SM


Similar Part No. - RF1S9530SM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
RF1S9530SM VBSEMI-RF1S9530SM Datasheet
913Kb / 7P
   P-Channel 100 V (D-S) MOSFET
More results

Similar Description - RF1S9530SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
logo
New Jersey Semi-Conduct...
RFP12N08 NJSEMI-RFP12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFM12N08 NJSEMI-RFM12N08 Datasheet
99Kb / 2P
   12A, 80Vand 100V, 0.200 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
   -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
FRS130D INTERSIL-FRS130D Datasheet
48Kb / 6P
   12A, 100V, 0.195 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
RFD8P06E INTERSIL-RFD8P06E Datasheet
87Kb / 8P
   8A, 60V, 0.300 Ohm, P-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com