Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF1S9640SM Datasheet(PDF) 5 Page - Intersil Corporation

Part # RF1S9640SM
Description  11A, 200V, 0.500 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RF1S9640SM Datasheet(HTML) 5 Page - Intersil Corporation

  RF1S9640SM Datasheet HTML 1Page - Intersil Corporation RF1S9640SM Datasheet HTML 2Page - Intersil Corporation RF1S9640SM Datasheet HTML 3Page - Intersil Corporation RF1S9640SM Datasheet HTML 4Page - Intersil Corporation RF1S9640SM Datasheet HTML 5Page - Intersil Corporation RF1S9640SM Datasheet HTML 6Page - Intersil Corporation RF1S9640SM Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-37
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
1.15
1.00
0.95
0.90
0.85
-80
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
80
120
160
1.05
1.10
ID = 250µA
2000
400
0
0
20
50
1200
VDS, DRAIN TO SOURCE VOLTAGE (V)
1600
800
CISS
COSS
CRSS
10
30
40
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
VGS = 0V, f = 1MHz
I D, DRAIN CURRENT (A)
0
-10
-20
-30
-40
2
4
6
8
10
-50
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
-0.4
-1.0
-1.2
-1.6
-1.8
-0.6
-0.1
-1.0
-10
VSD, SOURCE TO DRAIN VOLTAGE (V)
-100
-0.8
-1.4
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Qg(TOT), Total GATE CHARGE (nC)
020
40
60
80
-10
- 5
0
VDS = -40V
VDS = -100V
VDS = -160V
ID = -11A
IRF9640, RF1S9640SM


Similar Part No. - RF1S9640SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RF1S9630SM INTERSIL-RF1S9630SM Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
More results

Similar Description - RF1S9640SM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9240 INTERSIL-IRF9240 Datasheet
63Kb / 7P
   -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET
IRFP9240 INTERSIL-IRFP9240 Datasheet
56Kb / 7P
   12A, 200V, 0.500 Ohm, P-Channel Power MOSFET
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
logo
Fairchild Semiconductor
HUF75925P3 FAIRCHILD-HUF75925P3 Datasheet
196Kb / 10P
   11A, 200V, 0.275 Ohm, N-Channel, UltraFET Power MOSFETs
logo
Intersil Corporation
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRFF9220 INTERSIL-IRFF9220 Datasheet
327Kb / 7P
   -2.5A, -200V, 1.5 Ohm, P-Channel Power MOSFETs
IRFR9220 INTERSIL-IRFR9220 Datasheet
99Kb / 8P
   3.6A, 200V, 1.500 Ohm, P-Channel Power MOSFETs
FRS9140D INTERSIL-FRS9140D Datasheet
48Kb / 6P
   11A, -100V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9140D INTERSIL-FRM9140D Datasheet
47Kb / 6P
   11A, -100V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
JANSR2N7275 INTERSIL-JANSR2N7275 Datasheet
39Kb / 7P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com