Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2841 Datasheet(PDF) 6 Page - Analog Devices

Part # ADN2841
Description  Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2841 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADN2841_15 Datasheet HTML 2Page - Analog Devices ADN2841_15 Datasheet HTML 3Page - Analog Devices ADN2841_15 Datasheet HTML 4Page - Analog Devices ADN2841_15 Datasheet HTML 5Page - Analog Devices ADN2841_15 Datasheet HTML 6Page - Analog Devices ADN2841_15 Datasheet HTML 7Page - Analog Devices ADN2841_15 Datasheet HTML 8Page - Analog Devices ADN2841_15 Datasheet HTML 9Page - Analog Devices ADN2841_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADN2841
Data Sheet
Rev. B | Page 6 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
ADN2841
TOP VIEW
(Not to Scale)
GND 1
LBWSET 2
ASET 3
ERSET 4
PSET 5
GND 6
IMPD 7
IMPDMON 8
IMPDMON2 9
IMPD2 10
GND4 11
VCC4 12
36 GND2
35 IDTONE
34 GND2
33 IBMON
32 IMMON
31 GND3
30 VCC3
29 ALS
28 FAIL
27 DEGRADE
26 CLKSEL
25 GND
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO VCC OR THE GND PLANE.
Figure 3. Pin Configuration, 48-Lead LFCSP
PIN 1
INDICATOR
1
LBWSET
2
ASET
3
ERSET
4
PSET
5
IMPD
6
IMPDMON
7
GND4
8
VCC4
24 IBMON
23 IMMON
22 GND3
21 VCC3
20 ALS
19 FAIL
18 DEGRADE
17 CLKSEL
TOP VIEW
(Not to Scale)
ADN2841
NOTES
1. THE EXPOSED PAD ON THE BOTTOM OF THE PACKAGE
MUST BE CONNECTED TO VCC OR THE GND PLANE.
Figure 4. Pin Configuration, 32-Lead LFCSP
Table 4. Pin Function Descriptions
Pin No.
48-Lead
LFCSP
32-Lead
LFCSP
Mnemonic
Description
1
GND
Supply Ground.
2
1
LBWSET
Select Low Loop Bandwidth (Active = VCC).
3
2
ASET
Alarm Current Threshold Set Pin.
4
3
ERSET
Extinction Ratio Set Pin.
5
4
PSET
Average Optical Power Set Pin.
6
GND
Ground.
7
5
IMPD
Monitor Photodiode Input.
8
6
IMPDMON
Mirrored Current from Monitor Photodiode.
9
IMPDMON2
Mirrored Current from Monitor Photodiode 2. For use with two MPDs.
10
IMPD2
Monitor Photodiode Input 2. For use with two MPDs.
11
7
GND4
Supply Ground.
12
8
VCC4
Supply Voltage.
13
9
ERCAP
Extinction Ratio Loop Capacitor.
14
10
PAVCAP
Average Power Loop Capacitor.
15
GND
Ground.
16
11
VCC1
Supply Voltage.
17
GND1
Supply Ground.
18
12
DATAN
Data, Negative Differential Terminal.
19
13
DATAP
Data, Positive Differential Terminal.
20
14
GND1
Supply Ground.
21
15
CLKP
Data Clock, Positive Differential Terminal. Used if CLKSEL = VCC.
22
16
CLKN
Data Clock, Negative Differential Terminal. Used if CLKSEL = VCC.
23
GND
Ground.
24
GND
Ground.
25
GND
Ground.
26
17
CLKSEL
Clock Select (Active = VCC). Used if data is clocked into the chip.
27
18
DEGRADE
Degrade Alarm Output.
28
19
FAIL
Fail Alarm Output.
29
20
ALS
Automatic Laser Shutdown.
30
21
VCC3
Supply Voltage.


Similar Part No. - ADN2841_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841ACP-32 AD-ADN2841ACP-32 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-32-RL AD-ADN2841ACP-32-RL Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-32-RL7 AD-ADN2841ACP-32-RL7 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-48 AD-ADN2841ACP-48 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2841ACP-48-RL AD-ADN2841ACP-48-RL Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
More results

Similar Description - ADN2841_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2841 AD-ADN2841 Datasheet
276Kb / 12P
   Dual-Loop 50 Mbps.2.7 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870 Datasheet
764Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com