Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2850 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN2850
Description  Nonvolatile Memory, Dual 1024-Position Digital Resistor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2850 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN2850_15 Datasheet HTML 5Page - Analog Devices ADN2850_15 Datasheet HTML 6Page - Analog Devices ADN2850_15 Datasheet HTML 7Page - Analog Devices ADN2850_15 Datasheet HTML 8Page - Analog Devices ADN2850_15 Datasheet HTML 9Page - Analog Devices ADN2850_15 Datasheet HTML 10Page - Analog Devices ADN2850_15 Datasheet HTML 11Page - Analog Devices ADN2850_15 Datasheet HTML 12Page - Analog Devices ADN2850_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
ADN2850
Rev. E | Page 9 of 28
PIN 1
INDICATOR
1
SDO
2
GND
3
VSS
4
V1
11 WP
12 PR
10 VDD
9V2
ADN2850
NOTES
1. THE EXPOSED PAD IS LEFT FLOATING
OR IS TIED TO VSS.
TOP VIEW
(Not to Scale)
(EXPOSED
PAD)
Figure 5. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SDO
Serial Data Output. Serves readback and daisy-chain functions. Command 9 and Command 10 activate the SDO
output for the readback function, delayed by 24 or 25 clock pulses, depending on the clock polarity before and
after the data-word (see Figure 2 and Figure 3). In other commands, the SDO shifts out the previously loaded SDI
bit pattern, delayed by 24 or 25 clock pulses depending on the clock polarity (see Figure 2 and Figure 3). This
previously shifted out SDI can be used for daisy-chaining multiple devices. Whenever SDO is used, a pull-up
resistor in the range of 1 kΩ to 10 kΩ is needed.
2
GND
Ground Pin, Logic Ground Reference.
3
VSS
Negative Supply. Connect to 0 V for single-supply applications. If VSS is used in dual supply, it must be able to sink
2 mA for 15 ms when storing data to EEMEM.
4
V1
Log Output Voltage 1. Generates voltage from an internal diode configured transistor.
5
W1
Wiper terminal of RDAC1. ADDR (RDAC1) = 0x0.
6
B1
Terminal B of RDAC1.
7
B2
Terminal B of RDAC2.
8
W2
Wiper terminal of RDAC2. ADDR (RDAC2) = 0x1.
9
V2
Log Output Voltage 2. Generates voltage from an internal diode configured transistor.
10
VDD
Positive Power Supply.
11
A
WPE
Optional Write Protect. When active low,
A
WPE
A
prevents any changes to the present contents, except
A
PRE
A
strobe.
CMD_1 and COMD_8 refresh the RDAC register from EEMEM. Tie
A
WPE
A
to VDD, if not used.
12
A
PRE
Optional Hardware Override Preset. Refreshes the scratchpad register with current contents of the EEMEM
register. Factory default loads midscale until EEMEM is loaded with a new value by the user.
A
PRE
A
is activated
at the logic high transition. Tie
A
PRE
A
to VDD, if not used.
13
A
CSE
Serial Register Chip Select Active Low. Serial register operation takes place when
A
CSE
A
returns to logic high.
14
RDY
Ready. Active high open-drain output. Identifies completion of Instruction 2, Instruction 3, Instruction 8,
Instruction 9, Instruction 10, and
A
PRE
A
.
15
CLK
Serial Input Register Clock. Shifts in one bit at a time on positive clock edges.
16
SDI
Serial Data Input. Shifts in one bit at a time on positive clock CLK edges. MSB loads first.
EP
Exposed Pad. The exposed pad is left floating or is tied to VSS.


Similar Part No. - ADN2850_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
More results

Similar Description - ADN2850_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2850BRUZ25-RL7 AD-ADN2850BRUZ25-RL7 Datasheet
604Kb / 28P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
Rev. E
ADN2850 AD-ADN2850_16 Datasheet
749Kb / 30P
   Nonvolatile Memory, Dual 1024-Position Digital Resistor
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235 AD-AD5235 Datasheet
102Kb / 10P
   Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
REV PrD 6 Nov 2000
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5231 AD-AD5231 Datasheet
562Kb / 24P
   Nonvolatile Memory, 1024-Position Digital Potentiometers
REV. 0
ADN2850 AD-ADN2850 Datasheet
481Kb / 20P
   Nonvolatile Memory, Dual 1024 Position Programmable Resistors
REV. B
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com