Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1271A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SD1271A
Description  NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1271A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1271A_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1271A_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SD1271A
7A , 150V
NPN Plastic-Encapsulated Transistor
Elektronische Bauelemente
08-Nov-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Power switching applications
Low Collector to Emitter Saturation Voltage VCE(sat)
Satisfactory Linearity of Forward Current Transfer Ratio hFE
Large Collector Current
CLASSIFICATION OF hFE
Product-Rank
2SD1271A-R
2SD1271A-Q
2SD1271A-P
Range
60~120
90~180
130~260
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
150
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
7
V
Collector Current - Continuous
IC
7
A
Collector Power Dissipation
PC
2
W
Thermal Resistance From Junction To Ambient
RθJA
62.5
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
150
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
100
-
-
V
IC=10mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
7
-
-
V
IE=0.1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
10
µA
VCB=100V, IE=0
Emitter Cut – Off Current
IEBO
-
-
50
µA
VEB=5V, IC=0
DC Current Gain
hFE
45
-
-
VCE=2V, IC=0.1A
60
-
260
VCE=2V, IC=3A
Collector-emitter saturation voltage
VCE(sat)
-
-
0.5
V
IC=5A, IB=250mA
Base to Emitter Saturation Voltage
VBE(sat)
-
-
1.5
V
IC=5A, IB=250mA
Transition Frequency
fT
-
30
-
MHz
VCE=10V, IC=500mA, f =10MHz
ITO-220J
A
M
J
K
L
L
G
F
B
N
D
E
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
14.80
15.60
H
3.00
4.00
B
9.50
10.50
J
0.90
1.50
C
13.00 REF.
K
0.50
0.90
D
4.30
4.70
L
2.34
2.74
E
2.50
3.20
M
2.50
2.90
F
2.40
2.90
N
φ 3.5 REF.
G
0.30
0.75


Similar Part No. - 2SD1271A_15

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
2SD1271A JMNIC-2SD1271A_15 Datasheet
38Kb / 1P
   Silicon NPN Transistors
More results

Similar Description - 2SD1271A_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
3DD13003B SECOS-3DD13003B Datasheet
523Kb / 2P
   NPN Plastic-Encapsulated Elektronische Bauelemente Transistor
KTC1027 SECOS-KTC1027_15 Datasheet
57Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
2SC2383 SECOS-2SC2383_15 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
2SD1005 SECOS-2SD1005_15 Datasheet
78Kb / 1P
   NPN Plastic Encapsulated Elektronische Bauelemente Transistor
BCPA1666 SECOS-BCPA1666_15 Datasheet
78Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
MPSA55 SECOS-MPSA55_15 Datasheet
66Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
BC212 SECOS-BC212_15 Datasheet
72Kb / 1P
   PNP Plastic Encapsulated Elektronische Bauelemente Transistor
M28ST SECOS-M28ST Datasheet
59Kb / 1P
   1A , 40V NPN Plastic Encapsulated Elektronische Bauelemente Transistor
SCS221T SECOS-SCS221T_15 Datasheet
153Kb / 2P
   Plastic-Encapsulated Elektronische Bauelemente Switching Diode
BC556 SECOS-BC556_15 Datasheet
314Kb / 3P
   Elektronische Bauelemente
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com