Electronic Components Datasheet Search |
|
2SD1468S Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
2SD1468S Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH |
|
1 / 1 page 2SD1468S 1A , 30V NPN Plastic-Encapsulated Transistor Elektronische Bauelemente 26-Mar-2012 Rev. A Page 1 of 1 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. 3 Base 1 Emitter Collector 2 RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES Low Saturation Voltage Ideal for Voltage, High Current Drives. High DC Current Gain and High Current CLASSIFICATION OF hFE Product-Rank 2SD1468S-Q 2SD1468S-R 2SD1468S-S Range 120~270 180~390 270~560 ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified) Parameter Symbol Rating Unit Collector to Base Voltage VCBO 30 V Collector to Emitter Voltage VCEO 15 V Emitter to Base Voltage VEBO 5 V Collector Current - Continuous IC 1 A Collector Power Dissipation PC 300 mW Junction, Storage Temperature TJ, TSTG 150, -55~150 °C ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified) Parameter Symbol Min. Typ. Max. Unit Test Condition Collector to Base Breakdown Voltage V(BR)CBO 30 - - V IC=50µA, IE=0 Collector to Emitter Breakdown Voltage V(BR)CEO 15 - - V IC=1mA, IB=0 Emitter to Base Breakdown Voltage V(BR)EBO 5 - - V IE=50µA, IC=0 Collector Cut–Off Current ICBO - - 0.5 µ A VCB=20V, IE=0 Emitter Cut–Off Current IEBO - - 0.5 µ A VEB=4V, IC=0 DC Current Gain hFE 120 - 560 VCE=3V, IC=100mA Collector to Emitter Saturation Voltage VCE(sat) - - 0.4 V IC=500mA, IB=50mA Collector Output Capacitance Cob - - 30 pF VCB=10V, IE=0, f=1MHz Transition Frequency fT 50 - - MHz VCE=5V, IC=50mA, f=100MHz TO-92S REF. Millimeter Min. Max. A 3.90 4.10 B 3.05 3.25 C 1.42 1.62 D 15.1 15.5 E 2.97 3.27 F 0.66 0.86 G 2.44 2.64 H 1.27 REF. J 0.36 0.48 K 0.36 0.51 L 45° |
Similar Part No. - 2SD1468S_15 |
|
Similar Description - 2SD1468S_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |