Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFD320 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFD320
Description  0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD320 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFD320 Datasheet HTML 1Page - Intersil Corporation IRFD320 Datasheet HTML 2Page - Intersil Corporation IRFD320 Datasheet HTML 3Page - Intersil Corporation IRFD320 Datasheet HTML 4Page - Intersil Corporation IRFD320 Datasheet HTML 5Page - Intersil Corporation IRFD320 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-302
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
0
1
0
4
812
20
2
3
VDS, DRAIN TO SOURCE VOLTAGE (V)
4
16
5
VGS = 10V
VGS = 6.0V
VGS = 5.5V
VGS = 5.0V
VGS = 4.5V
VGS = 4.0V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
5
4
3
2
1
0
012
3
4
6
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
5
6
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
3
2
46
ID, DRAIN CURRENT (A)
8
4
0
1
2
5
2
µs PULSE TEST
VGS = 20V
VGS = 10V
10
12
6
DUTY CYCLE = 0.5% MAX
2.2
1.4
1.0
0.6
0.2
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.8
80
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 0.25A
1.25
1.05
0.95
0.85
0.75
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
1.15
80
160
ID = 250µA
1000
200
0
0
20
50
600
VDS, DRAIN TO SOURCE VOLTAGE (V)
800
400
CISS
COSS
CRSS
10
30
40
CISS = CGS + CGD
CRSS = CGD
COSS CDS + CGD
VGS = 0V, f = 1MHz
IRFD320


Similar Part No. - IRFD320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFD320 IRF-IRFD320 Datasheet
478Kb / 8P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=0.49A)
logo
Vishay Siliconix
IRFD320 VISHAY-IRFD320 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
IRFD320 VISHAY-IRFD320 Datasheet
415Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFD320PBF IRF-IRFD320PBF Datasheet
937Kb / 8P
   HEXFET POWER MOSFET ( VDSS=400V , RDS(on)=1.8廓 , ID=0.49A )
logo
Vishay Siliconix
IRFD320PBF VISHAY-IRFD320PBF Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 23-Jun-08
More results

Similar Description - IRFD320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
   3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
   11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
   4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com