Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFF120 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFF120
Description  6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFF120 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFF120 Datasheet HTML 1Page - Intersil Corporation IRFF120 Datasheet HTML 2Page - Intersil Corporation IRFF120 Datasheet HTML 3Page - Intersil Corporation IRFF120 Datasheet HTML 4Page - Intersil Corporation IRFF120 Datasheet HTML 5Page - Intersil Corporation IRFF120 Datasheet HTML 6Page - Intersil Corporation IRFF120 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. OUTPUT CHARACTERISTICS
FIGURE 6. SATURATION CHARACTERISTICS
FIGURE 7. TRANSFER CHARACTERISTICS
NOTE: Heating effect of 2
µs pulse is minimal.
FIGURE 8. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 9. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
1.0
10.0
100.0
200.0
VDS, DRAIN TO SOURCE VOLTAGE (V)
50.0
10.0
1.0
0.1
100
µs
1ms
10
µs
OPERATION IN THIS
AREA IS LIMITED
BY rDS(ON)
TJ = MAX RATED
10ms
100ms
DC
010
20
30
40
50
VDS, DRAIN TO SOURCE VOLTAGE (V)
20
16
12
8
4
0
80
µs PULSE TEST
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4V
VGS = 8V
VGS = 9V
VGS = 10V
0
2
0
1
23
5
4
6
VDS, DRAIN TO SOURCE VOLTAGE (V)
8
4
10
80
µs PULSE TEST
VGS = 9V
VGS = 10V
VGS = 8V
VGS = 7V
VGS = 6V
VGS = 5V
VGS = 4V
02
6
0
4
12
VGS, GATE TO SOURCE VOLTAGE (V)
20
8
16
4
810
-55oC
VDS > ID(ON) x rDS(ON)MAX
80
µs PULSE TEST
25oC
125oC
0
0.4
0.6
0.8
10
20
30
40
ID, DRAIN CURRENT (A)
0
0.2
VGS = 10V
VGS = 20V
2
µs PULSE TEST
2.50
1.50
1.00
0.50
0
-40
0
40
TJ, JUNCTION TEMPERATURE (
oC)
120
2.00
80
VGS = 10V
ID = 3A
IRFF120


Similar Part No. - IRFF120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFF120 IRF-IRFF120 Datasheet
131Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS THRU-HOLE (TO-205AF)
logo
GE Solid State
IRFF120 GESS-IRFF120 Datasheet
165Kb / 5P
   N-Channel Enhancement-Mode Power MOS Field-Effect Transistors
logo
New Jersey Semi-Conduct...
IRFF120 NJSEMI-IRFF120 Datasheet
156Kb / 3P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
More results

Similar Description - IRFF120

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRFF120 NJSEMI-IRFF120 Datasheet
156Kb / 3P
   6.0A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD120 FAIRCHILD-IRFD120 Datasheet
91Kb / 7P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
logo
Intersil Corporation
IRFD120 INTERSIL-IRFD120 Datasheet
52Kb / 6P
   1.3A, 100V, 0.300 Ohm, N-Channel Power MOSFET
IRFF9130 INTERSIL-IRFF9130 Datasheet
327Kb / 7P
   -6.5A, -100V, 0.300 Ohm, P-Channel Power MOSFET
RFD7N10LE INTERSIL-RFD7N10LE Datasheet
361Kb / 7P
   7A, 100V, 0.300 Ohm, N-Channel, Logic Level, Power MOSFETs
logo
Rohm
RF4P060BG ROHM-RF4P060BG Datasheet
2Mb / 14P
   Nch 100V 6.0A Power MOSFET
20221115 - Rev.002
logo
Intersil Corporation
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFP350 INTERSIL-IRFP350 Datasheet
57Kb / 7P
   16A, 400V, 0.300 Ohm, N-Channel Power MOSFET
IRF350 INTERSIL-IRF350 Datasheet
59Kb / 7P
   15A, 400V, 0.300 Ohm, N-Channel Power MOSFET
logo
International Rectifier
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com