Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2880 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2880
Description  3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2880 Datasheet(HTML) 3 Page - Analog Devices

  ADN2880_15 Datasheet HTML 1Page - Analog Devices ADN2880_15 Datasheet HTML 2Page - Analog Devices ADN2880_15 Datasheet HTML 3Page - Analog Devices ADN2880_15 Datasheet HTML 4Page - Analog Devices ADN2880_15 Datasheet HTML 5Page - Analog Devices ADN2880_15 Datasheet HTML 6Page - Analog Devices ADN2880_15 Datasheet HTML 7Page - Analog Devices ADN2880_15 Datasheet HTML 8Page - Analog Devices ADN2880_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADN2880
Rev. 0 | Page 3 of 12
ELECTRICAL SPECIFICATIONS
Minimum/maximum VCC = 3.3 V ± 0.3 V, TAMBIENT = −40°C to +95°C; typical VCC = 3.3 V, TAMBIENT = 25°C, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Bandwidth (BW)1
−3 dB
1.9
2.5
GHz
Total Input Referred RMS Noise (IRMS)
CD = 0.8 pF, dc to 2.1 GHz
315
485
nA
Total Input Referred RMS Noise (IRMS)
CD = 0.6 pF, dc to 2.1 GHz
300
nA
Small Signal Transimpedance (ZT)1
100 MHz, differential
2700
4400
6200
V/A
100 MHz, single-ended
1350
2200
3100
V/A
Low Frequency Cutoff
CAP = open, IIN = 20 μA
20
kHz
CAP = 1 nF, IIN = 20 μA
1.0
kHz
Output Return Loss
DC to 3.5 GHz, differential
−26
−20
dB
Input Overload Current
ER = 10 dB, at 95°C1
2.11
4.3
mA p-p
Maximum Differential Output Swing
IIN, P- P = 2.0 mA
170
260
375
mV p-p
Output Data Transition Time
IIN, P-P = 1.0 mA; 20% to 80% rise/fall time
60
ps
PSRR
IIN = 0 mA, <10 MHz
39
dB
Group Delay Variation
1.0 GHz to 3.0 GHz
50
ps
Transimpedance Ripple
50 MHz to 1.0 GHz, single-ended
0.93
dB
Deterministic Jitter
10 μA < IIN, P- P ≤ 100 μA, K28.5 @ 3.2 Gbps
16
ps p-p
100 μA < IIN, P- P ≤ 2.0 mA, K28.5 @ 3.2 Gbps
25
ps p-p
10 μA < IIN, P- P ≤ 2.0 mA, PRBS 231 − 1 at OC48 (FEC)
38
ps p-p
Linear Output Range
Differential, <1 dB compression
210
mV p-p
Linear Input Current Range
Single-ended, <1 dB compression
53
μA p-p
DC PERFORMANCE
Power Dissipation
IIN, AVE = 0 mA
70
110
mW
Input Voltage
Compliance voltage
0.85
V
Output Common-Mode Voltage
DC (50 Ω) terminated to VCC
VCC − 0.12
V
Output Impedance
Single-ended
50
Ω
PD FILTER Resistance
RF
200
Ω
PD FILTER Capacitance
CF
20
pF
RSSI Gain
IIN, AVE = 5 μA to 1 mA
0.85
V/mA
RSSI Offset
IIN, AVE = 10 μA
8.0
mV
RSSI Accuracy
5 μA < IIN, P- P ≤ 20 μA
±7
%
20 μA < IIN, P- P ≤ 1 mA
±3
%
1 An equivalent IIN, P-P = 13 μA current signal is applied to the TIA input. No input capacitor is applied.


Similar Part No. - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880ACHIPS AD-ADN2880ACHIPS Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
More results

Similar Description - ADN2880_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2880 AD-ADN2880 Datasheet
355Kb / 12P
   3.2 Gbps, 3.3 V, Low Noise, Transimpedance Amplifier
REV. 0
ADN2882 AD-ADN2882_15 Datasheet
275Kb / 12P
   4.25 Gbps, 3.3 V Low Noise, Transimpedance Amplifier
REV. A
ADN2891ACP AD-ADN2891ACP Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891_15 Datasheet
611Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
ADN2891 AD-ADN2891 Datasheet
602Kb / 16P
   3.3 V, 3.2 Gbps, Limiting Amplifier
REV. A
logo
M/A-COM Technology Solu...
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
logo
Analog Devices
ADN2882 AD-ADN2882 Datasheet
184Kb / 10P
   4.25 Gbps 3.3V Low Noise Transimpedance Amplifier
Rev. PrD November 04 2004
logo
Maxim Integrated Produc...
MAX3657 MAXIM-MAX3657_V01 Datasheet
755Kb / 15P
   155Mbps Low-Noise Transimpedance Amplifier
19-2834; Rev 3; 11/05
logo
Applied Micro Circuits ...
CS3170 AMCC-CS3170 Datasheet
159Kb / 11P
   2.5 Gbps Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com