Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9-XB3XXX-X Datasheet(PDF) 4 Page - Nel Frequency Controls,inc

Part # S9-XB3XXX-X
Description  quartz crystal oscillators provide excellent temperature stability with HCMOS output and very low phase noise
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

S9-XB3XXX-X Datasheet(HTML) 4 Page - Nel Frequency Controls,inc

  S9-XB3XXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc S9-XB3XXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc S9-XB3XXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc S9-XB3XXX-X Datasheet HTML 4Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
CRYSTAL OSCILLATORS
Rev. H
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0648A
HCMOS TCXO/TCVCXO
S9-XB3XXX-X Series
Environmental and Mechanical Characteristics
Operating temp.
range
see part # table
Mechanical Shock
Per MIL-STD-202, Method 213, Cond. A
Thermal Shock
Per MIL-STD-883, Method 1011, Cond. A
Vibration
Per MIL-STD-883, Method 2007, Cond. A
Hermetic Seal
Leak rate less than 1x10-8 atm.cc/s of helium (Crystal only)
Soldering conditions
See MAX reflow profile below; The device may be reflowed once. Reflowing upside down is not
allowed. NO CLEAN assembly is recommended.
MAX Reflow Profile
The device may be reflowed once. Reflowing upside down is not allowed. NO CLEAN assembly is recommended.


Similar Part No. - S9-XB3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
S9-X13AXXX NEL-S9-X13AXXX Datasheet
201Kb / 3P
   CMOS HF CLOCK (XO)
S9-X13AXXX-X NEL-S9-X13AXXX-X Datasheet
148Kb / 3P
   CMOS HF CLOCK (XO)
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
More results

Similar Description - S9-XB3XXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
   of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
   of quartz crystal oscillators provide enable/disable
PJ-XA20X NEL-PJ-XA20X Datasheet
100Kb / 3P
   of temperature compensated quartz crystal oscillators provide CMOS compatible signals
SR-A2A70 NEL-SR-A2A70_10 Datasheet
82Kb / 3P
   quartz crystal oscillators provide Differential Sine Wave signals
logo
EUROQUARTZ limited
YH1322 EUROQUARTZ-YH1322 Datasheet
97Kb / 1P
   Very Low Phase Noise - HCMOS or Sinewave
logo
Advanced Crystal Techno...
ACT1525CT ACT-ACT1525CT Datasheet
31Kb / 1P
   HCMOS Digitally Temperature Compensated Crystal Oscillators
30-7-04
logo
Advanced XTAL Products
AXE10LN AXTAL-AXE10LN Datasheet
99Kb / 3P
   Low Phase Noise SMD SPXO with HCMOS Output
AXIS10LN AXTAL-AXIS10LN Datasheet
105Kb / 4P
   Low Phase Noise SMD VCXO with HCMOS Output
logo
AEL Crystals Ltd
VH2516.3840001 AEL-VH2516.3840001 Datasheet
136Kb / 4P
   Quartz Crystal Oscillators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com