Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN8820 Datasheet(PDF) 4 Page - Analog Devices

Part # ADN8820
Description  EDFA and CW Laser Controller
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8820 Datasheet(HTML) 4 Page - Analog Devices

  ADN8820_15 Datasheet HTML 1Page - Analog Devices ADN8820_15 Datasheet HTML 2Page - Analog Devices ADN8820_15 Datasheet HTML 3Page - Analog Devices ADN8820_15 Datasheet HTML 4Page - Analog Devices ADN8820_15 Datasheet HTML 5Page - Analog Devices ADN8820_15 Datasheet HTML 6Page - Analog Devices ADN8820_15 Datasheet HTML 7Page - Analog Devices ADN8820_15 Datasheet HTML 8Page - Analog Devices ADN8820_15 Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Rev. PrB | Page 4 of 9
ADN8820 - SPECIFICATIONS1
Preliminary Technical Data
Table 1. ADN8820—Electrical Characteristics (AVDD = PVDD = 5V, AGND = PGND = 0V, TA = 25°C, using typical
circuit in Figure 1, unless otherwise noted.)2
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DUAL OUTPUT
Output Voltage Range
VDUAL
IDUAL
≤ 500 µA
0.4
VDD-0.4
V
Voltage Gain
AVDUAL
AVDUAL = DUAL / LIO; VILIM = 2.25V
with 1.9 V
≤ V
LIO
≤ 2.1V
20
V/V
CONTROL LOOP STATUS OUTPUT
CLGD High
VCLGDHI
0.05 x VDD
≤ V
EAOUT
≤ 0.95 x VDD
4.8
V
CLGD Low
VCLGDLO
Otherwise
0.2
V
LOGIC CONTROL
Logic Low Input Threshold
VIL
MODE0, MODE1, SYNCIN
0.2
V
Logic High Input Threshold
VIH
MODE0, MODE1, SYNCIN
VDD-0.2
V
Logic Low Output Level
VOL
0.2
V
Logic High Output Level
VOH
VDD-0.2
V
Input Current
±1
µA
1 Specifications subject to change without notice
2 Capital letters denote pin names.
Figure 1. Typical Application Circuit


Similar Part No. - ADN8820_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8820-REEL7 AD-ADN8820-REEL7 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
More results

Similar Description - ADN8820_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN8820 AD-ADN8820 Datasheet
288Kb / 9P
   EDFA and CW Laser Controller
Rev. PrB
logo
Hamamatsu Corporation
L9777-02 HAMAMATSU-L9777-02_15 Datasheet
256Kb / 2P
   CW laser diodes
L8933 HAMAMATSU-L8933 Datasheet
126Kb / 4P
   CW LASER DIODES
logo
Directed Energy, Inc.
PCO-6511 DEI-PCO-6511 Datasheet
588Kb / 2P
   CW Laser Diode Driver
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT_15 Datasheet
949Kb / 45P
   DUAL CW LASER DIODE DRIVER
logo
Finisar Corporation.
S7500 FINISAR-S7500 Datasheet
395Kb / 8P
   CW Tunable Laser ??Butterfly Package
logo
IC-Haus GmbH
IC-HTG ICHAUS-IC-HTG Datasheet
1,003Kb / 40P
   POWER CW LASER DIODE DRIVER
logo
Analog Technologies, In...
CWD-01-V2-D ANALOGTECHNOLOGIES-CWD-01-V2-D Datasheet
333Kb / 7P
   Constant Current CW Laser Driver
1/24/2022
logo
IC-Haus GmbH
IC-HT ICHAUS-IC-HT Datasheet
972Kb / 42P
   DUAL CW LASER DIODE DRIVER
logo
List of Unclassifed Man...
CWD-01-V2 ETC2-CWD-01-V2 Datasheet
41Kb / 5P
   CONSTANT CURRENT CW LASER DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com