Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC-B1440 Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # SC-B1440
Description  quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

SC-B1440 Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  SC-B1440_11 Datasheet HTML 1Page - Nel Frequency Controls,inc SC-B1440_11 Datasheet HTML 2Page - Nel Frequency Controls,inc SC-B1440_11 Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
SC-B1440 Series
Continued
LVCMOS
Operating Conditions and Output Characteristics (5)
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
220.0MHz
-----
250.0MHz
Duty Cycle
-----
@ V
DD/2
45/55%
-----
55/45%
Logic 0
V
OL
@ 600µA
-----
-----
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
-----
-----
Rise & Fall Time
tr,tf
10-90%V
O
-----
-----
2.0 ns
Jitter, Integrated
J
Integrated from phase noise,
-----
0.1 ps
-----
12kHz to 20MHz, RMS
Jitter, Wavecrest
Characterized
(2)
-----
Random Period
-----
2.3ps
-----
Accum, pk-to-pk
-----
26ps
-----
Phase Noise
(4)
£(Δf)
@ 10Hz
-----
-70 dBc/Hz
-----
@100Hz
-----
-105 dBc/Hz
-----
@1kHz
-----
-130 dBc/Hz
-----
@10kHz
-----
-145 dBc/Hz
-----
@100kHz
-----
-150 dBc/Hz
-----
@ >1Mhz
-----
-150 dBc/Hz
-----
T
pz
-----
-----
-----
-----
100 ns
Enable Voltage
-----
-----
1.6V
-----
-----
Disable Voltage
-----
-----
-----
-----
0.4V
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
(3)
V
DD
-----
2.375V
2.5V
2.625V
Supply Current
I
DD
No Load
0.0 mA
85 mA
110 mA
Output current
I
O
Low level Output Current
0.0 mA
-----
±25.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
-----
-----
-----
289 mW
Load
-----
-----
-----
-----
15pf
Start-up Time
t
s
-----
-----
-----
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others available)
2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
3) Internal high frequency power source decoupling.
4)
If phase noise data at a particular frequency is needed, contact factory.
5) All parameters, unless otherwise specified, are at
nominal conditions, ie: T=25°C, Nominal Vcc &
Nominal load.
Test Load:
Rev. E
CRYSTAL CLOCK OSCILLATORS
SC - B144X - FREQ
Package Code
Tolerance/Performance
SC 4 pad 5x7mm SMD
0 ±100ppm 0-70°C
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2. 5V
C ±100ppm -40 to +85°C
5V
Creating a Part Number
Data Sheet 0540B


Similar Part No. - SC-B1440_11

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1440-FREQ NEL-SC-B1440-FREQ Datasheet
220Kb / 2P
   LVCMOS
SC-B1440-FREQ NEL-SC-B1440-FREQ Datasheet
172Kb / 2P
   LVCMOS
More results

Similar Description - SC-B1440_11

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-B1420 NEL-SC-B1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-D1420 NEL-SC-D1420_10 Datasheet
146Kb / 3P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-A1440 NEL-SC-A1440_11 Datasheet
149Kb / 3P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-A1420 NEL-SC-A1420_10 Datasheet
102Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-C1420 NEL-SC-C1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-C1440 NEL-SC-C1440_10 Datasheet
147Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
A2-X14AXX NEL-A2-X14AXX Datasheet
105Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SJ-A1440 NEL-SJ-A1440_10 Datasheet
155Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SJ-C1440 NEL-SJ-C1440_10 Datasheet
155Kb / 3P
   of quartz crystal oscillators provide enable/disable 3-state LVCMOS compatible signals for bus connected systems
SC-1420 NEL-SC-1420_10 Datasheet
101Kb / 2P
   quartz crystal oscillators provide enable/disable 3-state CMOS compatible signals for bus connected systems
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com