Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2307DS Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2307DS
Description  P-Channel Enhancement MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2307DS Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2307DS Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2307DS Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2307DS Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2307DS Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
P-Channel Enhancement MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250u A,VGS=0V
-30
V
VDS=-24V, VGS=0V
-1
VDS=-24V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±20V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-1.0
V
VGS=-10V, ID=-3A
64
80
VGS=-4.5V, ID=-2.5A
103
140
On state drain current *1
ID(ON)
VGS=-10V, VDS=-5V
-6
A
Forward Transconductance *1
gFS
VDS=-10V, ID=-3A
4.5
S
Input Capacitance
Ciss
565
Output Capacitance
Coss
126
Reverse Transfer Capacitance
Crss
75
Total Gate Charge
Qg
10
15
Gate Source Charge
Qgs
1.9
Gate Drain Charge
Qgd
2
Turn-On DelayTime
td(on)
10
20
Turn-On Rise Time
tr
9
20
Turn-Off DelayTime
td(off)
27
50
Turn-Off Fall Time
tf
7
16
Maximum Body-Diode Continuous Current
IS
-1.25
A
Diode Forward Voltage
VSD
IS=-1.25A,VGS=0
-1.2
V
Zero Gate Voltage Drain Current
IDSS
μ
A
RDS(On)
Static Drain-Source On-Resistance *1
pF
nC
VGS=-10V, VDS=-15V, RL=15Ω,RGEN=6Ω
ID=-1.0A
VGS=0V, VDS=-15V, f=1MHz
ns
VGS=-15V, VDS=-15V, ID=-3A
*1Pulse test: PW ≤ 300us duty cycle ≤ 2%.
Marking
Marking
A7*
SI2307DS (KI2307DS)
-3.0


Similar Part No. - SI2307DS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2307DS VISHAY-SI2307DS Datasheet
66Kb / 4P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Nov-98
logo
Guangdong Kexin Industr...
SI2307DS-3 KEXIN-SI2307DS-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
SI2307DS-HF KEXIN-SI2307DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2307DS-HF-3 KEXIN-SI2307DS-HF-3 Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2307DS-T1 VISHAY-SI2307DS-T1 Datasheet
81Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 16-Nov-98
More results

Similar Description - SI2307DS

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com