Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC29M09HF Datasheet(PDF) 11 Page - NEC

Part # UPC29M09HF
Description  THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC29M09HF Datasheet(HTML) 11 Page - NEC

Back Button UPC29M09HF Datasheet HTML 7Page - NEC UPC29M09HF Datasheet HTML 8Page - NEC UPC29M09HF Datasheet HTML 9Page - NEC UPC29M09HF Datasheet HTML 10Page - NEC UPC29M09HF Datasheet HTML 11Page - NEC UPC29M09HF Datasheet HTML 12Page - NEC UPC29M09HF Datasheet HTML 13Page - NEC UPC29M09HF Datasheet HTML 14Page - NEC UPC29M09HF Datasheet HTML 15Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
µPC29M00 Series
11
ELECTRICAL CHARACTERISTICS
µPC29M10 (TJ = 25
°C, VIN = 13 V, IO = 350 mA, CIN = 0.22 µF, COUT = 47 µF,
unless otherwise specified.)
Parameters
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output Voltage
VO
9.6
10.0
10.4
V
0
°C ≤ TJ ≤ 125 °C, 11 V ≤ VIN ≤ 18 V,
9.5
10.5
0 A
≤ IO ≤ 350 mA
0
°C ≤ TJ ≤ 125 °C, 0 A ≤ IO ≤ 0.5 A
Line Regulation
REGIN
11 V
≤ VIN ≤ 18 V
34
100
mV
Load Regulation
REGL
0 A
≤ IO ≤ 0.5 A
10
100
mV
Quiescent Current
IBIAS
IO = 0 A
2.1
4.0
mA
IO = 0.5 A
16
30
Startup Quiescent Current
IBIAS (s)
VIN = 9.5 V, IO = 0 A
10
30
mA
VIN = 9.5 V, IO = 0.5 A
80
Quiescent Current Change
∆IBIAS
0
°C ≤ TJ ≤ 125 °C, 11 V ≤ VIN ≤ 18 V
1.9
20
mA
Output Noise Voltage
Vn
10 Hz
≤ f ≤ 100 kHz
180
µVr.m.s.
Ripple Rejection
R·R
f = 120 Hz, 11 V
≤ VIN ≤ 18 V
40
53
dB
Dropout Voltage
VDIF
0
°C ≤ TJ ≤ 125 °C, IO = 0.5 A
0.5
1.0
V
Short Circuit Current
IO short
VIN = 11.5 V
0.9
A
VIN = 18 V
0.5
Peak Output Current
IO peak
VIN = 11.5 V
0.7
1.2
1.5
A
VIN = 18 V
0.6
1.2
1.5
Temperature Coefficient of
∆VO/∆T0 °C ≤ TJ ≤ 125 °C, IO = 5 mA
0.9
mV/
°C
Output Voltage


Similar Part No. - UPC29M09HF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC29M09HF RENESAS-UPC29M09HF Datasheet
354Kb / 23P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC29M09HF

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M33A NEC-UPC29M33A Datasheet
86Kb / 16P
   THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com