Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP340 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFP340
Description  11A, 400V, 0.550 Ohm, N-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP340 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFP340 Datasheet HTML 1Page - Intersil Corporation IRFP340 Datasheet HTML 2Page - Intersil Corporation IRFP340 Datasheet HTML 3Page - Intersil Corporation IRFP340 Datasheet HTML 4Page - Intersil Corporation IRFP340 Datasheet HTML 5Page - Intersil Corporation IRFP340 Datasheet HTML 6Page - Intersil Corporation IRFP340 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-331
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse
P-N Junction Diode
-
-
11
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
44
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 11A, VGS = 0V (Figure 13)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 10A, dISD/dt = 100A/µs
170
370
790
ns
Reverse Recovered Charge
QRR
TJ = 25
oC, I
SD = 10A, dISD/dt = 100A/µs
1.6
3.8
8.2
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 7.0mH, R
G = 50Ω, peak IAS = 11A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
0
50
100
150
0
TC , CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
TC, CASE TEMPERATURE (
oC)
50
75
100
25
150
15
12
9
0
6
3
125
1
0.1
10-2
10-2
10-5
10-4
10-3
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
10-3
SINGLE PULSE
DUTY FACTOR: D = t1/t2
t2
PDM
t1
NOTES:
t2
TJ = PDM x ZθJC x RθJC + TC
0.02
0.01
0.05
0.5
0.1
0.2
IRFP340


Similar Part No. - IRFP340

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP340 IRF-IRFP340 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=0.55ohm, Id=11A)
logo
Vishay Siliconix
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 16-Jun-08
IRFP340 VISHAY-IRFP340 Datasheet
1Mb / 11P
   Power MOSFET
09-Jul-2021
IRFP340 VISHAY-IRFP340 Datasheet
884Kb / 11P
   Power MOSFET
01-Jan-2022
logo
Inchange Semiconductor ...
IRFP340A ISC-IRFP340A Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IRFP340

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
RF340 INTERSIL-RF340 Datasheet
55Kb / 7P
   10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
logo
Alpha & Omega Semicondu...
AOT12N40 AOSMD-AOT12N40 Datasheet
311Kb / 5P
   400V,11A N-Channel MOSFET
logo
MagnaChip Semiconductor...
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDFS11N60 MGCHIP-MDFS11N60 Datasheet
1Mb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
MDP11N60 MGCHIP-MDP11N60 Datasheet
1Mb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
logo
Intersil Corporation
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
   5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
   5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
   2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
logo
Unisonic Technologies
UF740 UTC-UF740 Datasheet
163Kb / 6P
   10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com