Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK500-OE-6-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK500-OE-6-1-R
Description  Power Cord - SJT/Open End, Shielded
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK500-OE-6-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK500-OE-6-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.27.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
AK500-OE-6-1-R
Power Cord - SJT/Open End, Shielded,
60°C,18AWG, 1 Meter
Complaint
RoHS
rev00
Unit: MM
Material:
• E243711(UL) SJT 3x18AWG(0.824MM²)
Shielded, 60°C 300V VW-1
- CSA 228191
• Jacket Color: Black
• E-Green, L-Black, N-White
Electrical:
• 100% Open & Short Testing
• Voltage: 500V DC / 1 Min.
1000± 50


Similar Part No. - AK500-OE-6-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-OE-6-15-R ASSMANN-AK500-OE-6-15-R Datasheet
113Kb / 1P
   Power Cord - SJT/Open End, Shielded
More results

Similar Description - AK500-OE-6-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-OE-6-15-R ASSMANN-AK500-OE-6-15-R Datasheet
113Kb / 1P
   Power Cord - SJT/Open End, Shielded
AK500-OE-8-2-R ASSMANN-AK500-OE-8-2-R Datasheet
113Kb / 1P
   Power Cord - SJT/Open End, Shielded
AK500-OE-6-05-R ASSMANN-AK500-OE-6-05-R Datasheet
112Kb / 1P
   Power Cord - SJT/Open End, Shielded
AK500-OE-9-3-R ASSMANN-AK500-OE-9-3-R Datasheet
127Kb / 1P
   Power Cord IEC - SJT/Open End
AK500-RA-7-3-R ASSMANN-AK500-RA-7-3-R Datasheet
129Kb / 1P
   Power Cord - SJT Right Angle/Open End
AK500-RA-7-2-R ASSMANN-AK500-RA-7-2-R Datasheet
127Kb / 1P
   Power Cord - SJT Right Angle/Open End
AK500-RA-5-2-R ASSMANN-AK500-RA-5-2-R Datasheet
131Kb / 1P
   Power Cord - SJT Right Angle/Open End
AK500-RA-5-3-R ASSMANN-AK500-RA-5-3-R Datasheet
130Kb / 1P
   Power Cord - SJT Right Angle/Open End
AK500-OE-5-3-R ASSMANN-AK500-OE-5-3-R Datasheet
106Kb / 1P
   Power Cord - SVT/Open End, Shielded
AK500-OE-7-2 ASSMANN-AK500-OE-7-2 Datasheet
109Kb / 1P
   Power Cord - SVT/Open End, Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com