Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK500-OE-11-1-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK500-OE-11-1-R
Description  Power cord - IEC Extension
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK500-OE-11-1-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK500-OE-11-1-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK500-OE-11-1-R
rev01
Chappell
27.12.11
Power cord - IEC Extension
SVT, 18AWG, 60°C, Unshielded, 1 meter
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±X
±X
±X
±X°
±X°
21.06.13
Wilson
Updated all information
Groll
21.06.13


Similar Part No. - AK500-OE-11-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-OE-11-15 ASSMANN-AK500-OE-11-15 Datasheet
136Kb / 1P
   Power Cord IEC Extension - SVT
More results

Similar Description - AK500-OE-11-1-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-OE-11-2 ASSMANN-AK500-OE-11-2 Datasheet
126Kb / 1P
   Power cord - IEC Extension
AK500-JC-6-1 ASSMANN-AK500-JC-6-1 Datasheet
121Kb / 1P
   Power cord - IEC Extension
AK500-OE-11-25-R ASSMANN-AK500-OE-11-25-R Datasheet
124Kb / 1P
   Power cord - IEC Extension
AK500-U-4 ASSMANN-AK500-U-4 Datasheet
123Kb / 1P
   Power cord - IEC Extension
AK500-JC-5-1 ASSMANN-AK500-JC-5-1 Datasheet
133Kb / 1P
   Power cord - IEC Extension
AK500-OE-11-15 ASSMANN-AK500-OE-11-15 Datasheet
136Kb / 1P
   Power Cord IEC Extension - SVT
logo
Tripp Lite. All Rights ...
P04700610A TRIPPLITE-P04700610A Datasheet
482Kb / 2P
   Standard Power Extension Cord, 10A, 18AWG (IEC-320-C19 to IEC-320-C14), 6-ft
P004001 TRIPPLITE-P004001 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 1-ft
P004008 TRIPPLITE-P004008 Datasheet
486Kb / 2P
   Standard Computer Power Extension Cord, 10A, 18AWG (IEC-320-C14 to IEC-320-C13), 8-ft
P036010 TRIPPLITE-P036010 Datasheet
477Kb / 2P
   Heavy-Duty Power Extension Cord, 20A, 12AWG (IEC-320-C19 to IEC-320-C20) 10-ft
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com