Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK500-U-3-R Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AK500-U-3-R
Description  Power cord - SPT2 Non-Polarized
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AK500-U-3-R Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AK500-U-3-R Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AK500/U-3-R
rev01
Chappell
28.10.13
Power cord - SPT2 Non-Polarized
18AWG, 105°C, Unshielded, 2 meter
Free
Scale
X.
X.X
X.XX
DIM
X.°
X.X°
Angle
TOL
±X
±X
±X
±X°
±X°
20.06.13
Wilson
Updated all information
Groll
20.06.13


Similar Part No. - AK500-U-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-U-3-P-R ASSMANN-AK500-U-3-P-R Datasheet
67Kb / 1P
   Power Cord - SPT2, Polarized
More results

Similar Description - AK500-U-3-R

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK500-U-3-P-R ASSMANN-AK500-U-3-P-R Datasheet
67Kb / 1P
   Power Cord - SPT2, Polarized
logo
Panasonic Battery Group
LF-G PANASONICBATTERY-LF-G Datasheet
157Kb / 1P
   Non-Polarized Power Relay
logo
DB Lectro Inc
CN1A100KC DBLECTRO-CN1A100KC Datasheet
526Kb / 13P
   CHIP TYPE, NON-POLARIZED
logo
Tyco Electronics
V23101-D0101-A201 MACOM-V23101-D0101-A201 Datasheet
1Mb / 13P
   1 pole PCB relay, non-polarized
logo
Schurter Inc.
4190 SCHURTER-4190 Datasheet
261Kb / 2P
   Power Supply Cord with NEMA 1-5p Power (Mains) Plug polarized, 2-pole, Straight
4191 SCHURTER-4191 Datasheet
262Kb / 2P
   Power Supply Cord with NEMA 1-5p Power (Mains) Plug polarized, 2-pole, Straight
logo
Nais(Matsushita Electri...
HX2-1.5V NAIS-HX2-1.5V Datasheet
60Kb / 3P
   Compact & Slim 2 Form C Non-polarized Relay
logo
DB Lectro Inc
KP1H010KC DBLECTRO-KP1H010KC Datasheet
507Kb / 13P
   CHIP TYPE, NON-POLARIZED WITH WIDE TEMPERATURE RANGE
logo
Illinois Capacitor, Inc...
104NCN050M ILLINOISCAPACITOR-104NCN050M Datasheet
411Kb / 2P
   105째C Non-polarized Surface Mount Aluminum Electrolytic Capacitors
logo
Qualtek Electronics Cor...
361022-D01 QUALTEK-361022-D01 Datasheet
158Kb / 1P
   POWER CORD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com