Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DN-93501-U-Y Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # DN-93501-U-Y
Description  Cat5e Unshielded Keystone Jack
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

DN-93501-U-Y Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  DN-93501-U-Y Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.20.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
DN-93501-U/Y
Cat5e Unshielded Keystone Jack -
90° Tool Free Type, Yellow
Complaint
RoHS
rev00
Unit: MM±0.1MM
Material:
1 RJ45 Jack Housing: ABS, UL94V-0
- with optional color
2. Jack Bracket Set: PBT, UL94V-0
3. RJ45 Jack Contact Material & Finished
- Phosphor Bronze
- Contact area: Min. 3MM 50 Micro-inch Gold
plated over Nickel plated
4. IDC Housing: PC, 94V-2
5. IDC Terminal material & finished:
- Phosphor Bronze w/Min. 50 Micro-inch Tin plated
- Suitable for 23-24AWG stranded & solid wire
6. IDC CAP: PC, UL94V-2
Electrical:
• Wiring: T568A & T568B
• Insertion Force: 900 GM for 8 contacts
• Retention Strength: 7.7Kg between Jack & Plug
• Operating Temperature: -10°C ~ +60°C
• Durability: Jack: 750 cycles Plug-Jack mating and
unmating test, Insertion cycles at 20 cycles/
minute max. Contact resistance test per 100
cycles.
• The Cat.5e transmission performance is in compliance
with the ANSI/TIA/EIA 568 B.2 standard


Similar Part No. - DN-93501-U-Y

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DN-93501-U-B ASSMANN-DN-93501-U-B Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-BL ASSMANN-DN-93501-U-BL Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-R ASSMANN-DN-93501-U-R Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-WH ASSMANN-DN-93501-U-WH Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
More results

Similar Description - DN-93501-U-Y

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DN-93501-U-R ASSMANN-DN-93501-U-R Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-BL ASSMANN-DN-93501-U-BL Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-B ASSMANN-DN-93501-U-B Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
DN-93501-U-WH ASSMANN-DN-93501-U-WH Datasheet
99Kb / 1P
   Cat5e Unshielded Keystone Jack
A-TA3534-R ASSMANN-A-TA3534-R Datasheet
79Kb / 1P
   Keystone Jack Cat5e
DN-93601-U-R ASSMANN-DN-93601-U-R Datasheet
144Kb / 1P
   Cat6 Unshielded Keystone Jack
DN-93601-U-WH ASSMANN-DN-93601-U-WH Datasheet
144Kb / 1P
   Cat6 Unshielded Keystone Jack
DN-93601-U-BL ASSMANN-DN-93601-U-BL Datasheet
144Kb / 1P
   Cat6 Unshielded Keystone Jack
DN-93601-U-Y ASSMANN-DN-93601-U-Y Datasheet
144Kb / 1P
   Cat6 Unshielded Keystone Jack
logo
Tripp Lite. All Rights ...
N238-001-YW TRIPPLITE-N238-001-YW Datasheet
164Kb / 2P
   Cat6/Cat5e 110 Style Punch Down Keystone Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com