Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP667 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP667
Description  Low-Dropout Linear Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP667 Datasheet(HTML) 3 Page - Analog Devices

  ADP667_15 Datasheet HTML 1Page - Analog Devices ADP667_15 Datasheet HTML 2Page - Analog Devices ADP667_15 Datasheet HTML 3Page - Analog Devices ADP667_15 Datasheet HTML 4Page - Analog Devices ADP667_15 Datasheet HTML 5Page - Analog Devices ADP667_15 Datasheet HTML 6Page - Analog Devices ADP667_15 Datasheet HTML 7Page - Analog Devices ADP667_15 Datasheet HTML 8Page - Analog Devices ADP667_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP667
REV. 0
–3–
PIN FUNCTION DESCRIPTION
Mnemonic Function
DD
Dropout Detector Output. PNP collector output
which sources current as dropout is reached.
VIN
Voltage Regulator Input.
GND
Ground Pin. Must be connected to 0 V.
LBI
Low Battery Detect Input. Compared with 1.255 V.
LBO
Low Battery Detect Output. Open Drain Output
that goes low when LBI is below the threshold.
SHDN
Digital Input. May be used to disable the device
so that the power consumption is minimized.
SET
Voltage Setting Input. Connect to GND for +5 V
output or connect to resistive divider for adjust-
able output.
OUT
Regulated Output Voltage. Connect to filter
capacitor.
DIP & SOIC PIN CONFIGURATION
DD
OUT
LBI
GND
IN
LBO
SET
SHDN
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
ADP667
TERMINOLOGY
Dropout Voltage: The input/output voltage differential at
which the regulator no longer maintains regulation against fur-
ther reductions in input voltage. It is measured when the output
decreases 100 mV from its nominal value. The nominal value is
the measured value with VIN = VOUT +2 V.
Line Regulation: The change in output voltage as a result of a
change in the input voltage. It is specified for a change of input
voltage from 6 V to 10 V.
Load Regulation: The change in output voltage for a change
in output current. It is specified for an output current change
from 10 mA to 200 mA.
Quiescent Current (IGND): The input bias current which
flows into the regulator not including load current. It is mea-
sured on the GND line and is specified in shutdown and also for
different values of load current.
Shutdown: The regulator is disabled and power consumption
is minimized.
Dropout Detector: An output that indicates that the regulator
is dropping out of regulation.
Maximum Power Dissipation: The maximum total device
dissipation for which the regulator will continue to operate
within specifications.
GENERAL INFORMATION
The ADP667 contains a micropower bandgap reference voltage
source, an error amplifier A1, two comparators (C1, C2) and a
series PNP output pass transistor.
CIRCUIT DESCRIPTION
The internal bandgap voltage reference is trimmed to 1.255 V
and is used as a reference input to the error amplifier A1. The
feedback signal from the regulator output is supplied to the
other input by an on-chip voltage divider or by two external
resistors. When the SET input is at ground, the internal divider
provides the error amplifier’s feedback signal giving a +5 V out-
put. When SET is at more than 50 mV above ground, compara-
tor C1 switches the error amplifier’s input directly to the SET
pin, and external resistors are used to set the output voltage.
The external resistors are selected so that the desired output
voltage gives 1.255 V at the SET input.
The output from the error amplifier supplies base current to the
PNP output pass transistor which provides output current. Up
to 250 mA output current is available provided that the device
power dissipation is not exceeded.
Comparator C2 compares the voltage on the Low Battery Input,
LBI, pin to the internal +1.255 V reference voltage. The output
from the comparator drives an open drain FET connected to the
Low Battery Output pin, LBO. The Low Battery Threshold
may be set using a suitable voltage divider connected to LBI.
When the voltage on LBI falls below 1.255 V, the open drain
output, LBO, is pulled low.
A shutdown (SHDN) input that can be used to disable the
error amplifier and hence the voltage output is also available.
The supply current in shutdown is less than 1
µA.
ADP667
IN
SHDN
LBO
LBI
GND
50mV
SET
DD
OUT
1.255V
REF
A1
C1
C2
Figure 1. ADP667 Functional Block Diagram
A


Similar Part No. - ADP667_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP667AN AD-ADP667AN Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
132Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AN AD-ADP667AN Datasheet
116Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667ANZ AD-ADP667ANZ Datasheet
116Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
ADP667AR AD-ADP667AR Datasheet
135Kb / 8P
   5 V Fixed, Adjustable Low-Dropout Linear Voltage Regulator
REV. 0
More results

Similar Description - ADP667_15

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE42764 INFINEON-TLE42764_11 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.2, 2011-02-15
TLE42344G INFINEON-TLE42344G Datasheet
1Mb / 13P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-02-08
TLE42744 INFINEON-TLE42744 Datasheet
438Kb / 18P
   Low Dropout Linear Voltage Regulator
Rev. 1.1, January 2010
IFX2931 INFINEON-IFX2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.12, 2010-02-23
TLS850B0TBV33 INFINEON-TLS850B0TBV33 Datasheet
901Kb / 23P
   Low dropout linear voltage regulator
Rev. 1.00 2017-09-12
TLS850F1TAV50 INFINEON-TLS850F1TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2016-02-04
TLS715B0 INFINEON-TLS715B0_15 Datasheet
1Mb / 20P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-03-12
TLF2931 INFINEON-TLF2931 Datasheet
1Mb / 15P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2010-10-06
TLS715B0EJV50 INFINEON-TLS715B0EJV50 Datasheet
1Mb / 22P
   Low Dropout Linear Voltage Regulator
Rev. 1.0, 2015-04-02
TLS850F2TAV50 INFINEON-TLS850F2TAV50 Datasheet
1Mb / 35P
   Low Dropout Linear Voltage Regulator
Rev. 1.0 2018-09-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com