Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR214 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFR214
Description  2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFR214 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFR214 Datasheet HTML 1Page - Intersil Corporation IRFR214 Datasheet HTML 2Page - Intersil Corporation IRFR214 Datasheet HTML 3Page - Intersil Corporation IRFR214 Datasheet HTML 4Page - Intersil Corporation IRFR214 Datasheet HTML 5Page - Intersil Corporation IRFR214 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-387
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 10. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 11. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 12. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 13. UNCLAMPED ENERGY WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
-60 -40
-20
0
20
40
60
80
100 120 140 160
TJ, JUNCTION TEMPERATURE (
oC)
2.5
2.0
1.5
1.0
0.5
0
PULSE DURATION = 80
µs
VGS = 10V, ID = 5.6A
DUTY CYCLE = 0.5% MAX
CRSS
COSS
CISS
VGS = 0V, f = 1MHz
CISS = CGS + CGD
CRSS = CGD
COSS = CDS + CGS
500
400
300
200
100
0
10
101
102
VDS, DRAIN TO SOURCE VOLTAGE (V)
TJ = 150
oC
TJ = 25
oC
10-1
0.6
0.8
1.0
1.2
1.4
VSD, SOURCE TO DRAIN VOLTAGE (V)
100
101
PULSE DURATION = 80
µs
VGS = 10V
DUTY CYCLE = 0.5% MAX
VDS = 200V
VDS = 125V
VDS = 50V
ID = 2.7A
20
16
12
8
4
0
02
4
6
8
10
Qg, GATE CHARGE (nC)
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
IRFR214, IRFU214


Similar Part No. - IRFR214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR214 IRF-IRFR214 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
1Mb / 8P
   Power MOSFET
S-81411-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR214 KERSEMI-IRFR214 Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFR214 VISHAY-IRFR214 Datasheet
853Kb / 11P
   Power MOSFET
Rev. E, 04-Feb-13
logo
Inchange Semiconductor ...
IRFR214 ISC-IRFR214 Datasheet
331Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - IRFR214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
FRF254D INTERSIL-FRF254D Datasheet
49Kb / 6P
   17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
   20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
   4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS234D INTERSIL-FRS234D Datasheet
49Kb / 6P
   5A, 250V, 0.715 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
   34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
   23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com