Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1715 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1715
Description  500 mA, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1715 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1715_15 Datasheet HTML 5Page - Analog Devices ADP1715_15 Datasheet HTML 6Page - Analog Devices ADP1715_15 Datasheet HTML 7Page - Analog Devices ADP1715_15 Datasheet HTML 8Page - Analog Devices ADP1715_15 Datasheet HTML 9Page - Analog Devices ADP1715_15 Datasheet HTML 10Page - Analog Devices ADP1715_15 Datasheet HTML 11Page - Analog Devices ADP1715_15 Datasheet HTML 12Page - Analog Devices ADP1715_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP1715/ADP1716
Rev. 0 | Page 9 of 20
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV p-p
VIN = 5V
VOUT = 3.3V
COUT = 2.2µF
ILOAD = 100µA
Figure 23. Power Supply Rejection Ratio vs. Frequency
0
–90
10
10M
FREQUENCY (Hz)
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
1M
VRIPPLE = 50mV p-p
VIN = 5V
VOUT = 3.3V
COUT = 2.2µF
ILOAD = 10mA
Figure 24. Power Supply Rejection Ratio vs. Frequency
0
10
10M
FREQUENCY (Hz)
100
1k
10k
100k
1M
–10
–20
–30
–40
–50
–60
–70
–80
–90
VRIPPLE = 50mV p-p
VIN = 5V
VOUT = 3.3V
COUT = 2.2µF
ILOAD = 100mA
Figure 25. Power Supply Rejection Ratio vs. Frequency


Similar Part No. - ADP1715_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1715ARMZ-0.75R7 AD-ADP1715ARMZ-0.75R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-0.8-R7 AD-ADP1715ARMZ-0.8-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-0.85R7 AD-ADP1715ARMZ-0.85R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-0.9-R7 AD-ADP1715ARMZ-0.9-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-0.95R7 AD-ADP1715ARMZ-0.95R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Similar Description - ADP1715_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1716 AD-ADP1716 Datasheet
589Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1716 AD-ADP1716_15 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1715ARMZ-3.3-R7 AD-ADP1715ARMZ-3.3-R7 Datasheet
606Kb / 20P
   500 mA, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
Toshiba Semiconductor
TCR5BM TOSHIBA-TCR5BM Datasheet
1Mb / 16P
   500 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1714AUJZ-12-R7 AD-ADP1714AUJZ-12-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1713AUJZ-09-R7 AD-ADP1713AUJZ-09-R7 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
ADP1711 AD-ADP1711_15 Datasheet
862Kb / 16P
   150 mA, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1712 AD-ADP1712_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com