Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU214 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFU214
Description  2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFU214 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFU214 Datasheet HTML 1Page - Intersil Corporation IRFU214 Datasheet HTML 2Page - Intersil Corporation IRFU214 Datasheet HTML 3Page - Intersil Corporation IRFU214 Datasheet HTML 4Page - Intersil Corporation IRFU214 Datasheet HTML 5Page - Intersil Corporation IRFU214 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-385
Internal Drain Inductance
LD
Measured From the
Drain Lead, 6mm
(0.25in) From Package
to Center of Die
Modified MOSFET
Symbol Showing the
Internal Devices
Inductances
-
4.5
-
nH
Internal Source Inductance
LS
Measured From The
Source Lead, 6mm
(0.25in) From Header to
Source Bonding Pad
-
7.5
-
nH
Thermal Resistance Junction to Case
RθJC
-
-
5.0
oC/W
Thermal Resistance Junction to Ambient
RθJA
Free Air Operation
-
-
110
oC/W
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the In-
tegral Reverse
P-N Junction Diode
-
-
2.2
A
Pulse Source to Drain Current
(Note 2)
ISDM
-
-
8.8
A
Source to Drain Diode Voltage (Note 4)
VSD
TJ = 25
oC, I
SD = 2.2A, VGS = 0V(Figure 10)
-
-
2.0
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 2.7A, dISD/dt = 100A/µs
97
-
390
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 2.7A, dISD/dt = 100A/µs
0.32
-
1.3
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve. (Figure 3)
4. VDD = 50V, starting TJ = 25
oC, L = 21mH, R
G = 25Ω, peak IAS = 2.2A.
Typical Performance Curves Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
LS
LD
G
D
S
G
D
S
0
50
100
150
0
TC, CASE TEMPERATURE (
oC)
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
TC, CASE TEMPERATURE (
oC)
150
0.8
1.2
1.6
2.0
2.4
0.4
IRFR214, IRFU214


Similar Part No. - IRFU214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU214 IRF-IRFU214 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=2.0ohm, Id=2.2A)
logo
Vishay Siliconix
IRFU214 VISHAY-IRFU214 Datasheet
1Mb / 8P
   Power MOSFET
S-81411-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFU214 KERSEMI-IRFU214 Datasheet
4Mb / 7P
   Power MOSFET
logo
Vishay Siliconix
IRFU214 VISHAY-IRFU214 Datasheet
853Kb / 11P
   Power MOSFET
Rev. E, 04-Feb-13
logo
Inchange Semiconductor ...
IRFU214 ISC-IRFU214 Datasheet
340Kb / 2P
   iscN-Channel MOSFET Transistor
More results

Similar Description - IRFU214

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
FRF254D INTERSIL-FRF254D Datasheet
49Kb / 6P
   17A, 250V, 0.185 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK254D INTERSIL-FRK254D Datasheet
48Kb / 6P
   20A, 250V, 0.170 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
BUZ42 INTERSIL-BUZ42 Datasheet
41Kb / 5P
   4A, 500V, 2.000 Ohm, N-Channel Power MOSFET
October 1998
FRL234D INTERSIL-FRL234D Datasheet
47Kb / 6P
   4A, 250V, 0.700 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS234D INTERSIL-FRS234D Datasheet
49Kb / 6P
   5A, 250V, 0.715 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK264D INTERSIL-FRK264D Datasheet
61Kb / 7P
   34A, 250V, 0.120 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE264D INTERSIL-FRE264D Datasheet
48Kb / 6P
   23A, 250V, 0.130 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM244D INTERSIL-FRM244D Datasheet
47Kb / 6P
   12A, 250V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com