Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1821 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1821_15 Datasheet HTML 5Page - Analog Devices ADP1821_15 Datasheet HTML 6Page - Analog Devices ADP1821_15 Datasheet HTML 7Page - Analog Devices ADP1821_15 Datasheet HTML 8Page - Analog Devices ADP1821_15 Datasheet HTML 9Page - Analog Devices ADP1821_15 Datasheet HTML 10Page - Analog Devices ADP1821_15 Datasheet HTML 11Page - Analog Devices ADP1821_15 Datasheet HTML 12Page - Analog Devices ADP1821_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP1821
Rev. C | Page 9 of 24
THEORY OF OPERATION
The ADP1821 is a versatile, economical, synchronous-rectified,
fixed-frequency, PWM, voltage mode step-down controller
capable of generating an output voltage as low as 0.6 V. It is ideal
for a wide range of high power applications, such as DSP power
and processor core power in telecommunications, medical
imaging, and industrial applications. The ADP1821 controller
operates from a 3.7 V to 5.5 V supply with a power input voltage
ranging from 1.0 V to 24 V.
The ADP1821 operates at a fixed, internally set 300 kHz or
600 kHz switching frequency that is controlled by the state of
the FREQ input. The high frequency reduces external compo-
nent size and cost while maintaining high efficiency. For noise
sensitive applications where the switching frequency needs to be
more tightly controlled, synchronize the ADP1821 to an external
signal whose frequency is between 300 kHz and 1.2 MHz.
The ADP1821 includes adjustable soft start with output reverse-
current protection, and a unique adjustable, lossless current
limit. It operates over the −40°C to +125°C temperature range
and is available in a space-saving, 16-lead QSOP.
SOFT START
When powering up or resuming operation after shutdown, over-
load, or short-circuit conditions, the ADP1821 employs an
adjustable soft start feature that reduces input current transients
and prevents output voltage overshoot at start-up and overload
conditions. The soft start period is set by the value of the soft
start capacitor, CSS, between SS and GND.
When starting the ADP1821, CSS is initially discharged. It is
enabled when SHDN is high and VCC is above the undervoltage
lockout threshold. CSS begins charging to 0.8 V through an
internal 100 kΩ resistor. As CSS charges, the regulation voltage at
FB is limited to the lesser of either the voltage at SS or the internal
0.6 V reference voltage. As the voltage at SS rises, the output
voltage rises proportionally until the voltage at SS exceeds 0.6 V. At
this time, the output voltage is regulated to the desired voltage.
If the output voltage is precharged prior to turn-on, the ADP1821
limits reverse inductor current, which would discharge the output
voltage. Once the voltage at SS exceeds the 0.6 V regulation voltage,
the reverse current is re-enabled to allow the output voltage
regulation to be independent of load current.
ERROR AMPLIFIER
The ADP1821 error amplifier is an operational amplifier. The
ADP1821 senses the output voltages through an external
resistor divider at the FB pin. The FB pin is the inverting input
to the error amplifier. The error amplifier compares this feed-
back voltage to the internal 0.6 V reference, and the output of
the error amplifier appears at the COMP pin. The COMP pin
voltage then directly controls the duty cycle of the switching
converter.
A series/parallel RC network is tied between the FB pin and the
COMP pin to provide the compensation for the buck converter
control loop. A detailed design procedure for compensating the
system is provided in the Compensating the Voltage Mode Buck
Regulator section.
The error amplifier output is clamped between a lower limit of
about 0.7 V and a higher limit of about 2.4 V. When the COMP pin
is low, the switching duty cycle goes to 0%, and when the COMP
pin is high, the switching duty cycle goes to the maximum.
The SS pin is an auxiliary positive input to the error amplifier.
Whichever voltage is lowest, SS or the internal 0.6 V reference,
controls the FB pin voltage and thus the output. As a conse-
quence, if two of these inputs are close to each other, a small
offset is imposed on the error amplifier.
CURRENT-LIMIT SCHEME
The ADP1821 employs a unique, programmable, cycle-by-cycle,
lossless current-limit circuit that uses an ordinary, inexpensive
resistor to set the threshold. Every switching cycle, the synchronous
rectifier turns on for a minimum time and the voltage drop across
the MOSFET RDSON is measured to determine if the current is
too high.
This measurement is done by an internal current limit com-
parator and an external current-limit set resistor. The resistor
is connected between the switch node (that is the drain of the
rectifier MOSFET) and the CSL pin. The CSL pin, which is the
inverting input of the comparator, forces 50 μA through the
resistor to create an offset voltage drop across it.
When the inductor current is flowing in the MOSFET rectifier,
its drain is forced below PGND by the voltage drop across its
RDSON. If the RDSON voltage drop exceeds the preset drop on the
current-limit set resistor, the inverting comparator input is
similarly forced below PGND and an overcurrent fault is flagged.
The normal transient ringing on the switch node is ignored
for 100 ns after the synchronous rectifier turns on, therefore,
the over current condition must also persist for 100 ns for a
fault to be flagged.
When the ADP1821 senses an overcurrent condition, the next
switching cycle is suppressed, the soft start capacitor is discharged
through an internal 2.5 kΩ resistor, and the error amplifier
output voltage is pulled down. The output behaves like a
constant current source around the preset current limit when
the overcurrent condition exists. The ADP1821 remains in this
mode for as long as the overcurrent condition persists. In the
event of a short circuit, the short-circuit output current is the
current limit set by the RCL resistor and is monitored cycle by
cycle. When the overcurrent condition is removed, operation
resumes in soft start mode.
The ADP1821 also offers a technique for implementing a
current-limit foldback in the event of a short circuit with the
use of an additional resistor. See the Setting the Current Limit
section for more information.


Similar Part No. - ADP1821_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821-EVAL AD-ADP1821-EVAL Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1821ARQZ-R7 AD-ADP1821ARQZ-R7 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
More results

Similar Description - ADP1821_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Infineon Technologies A...
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
   Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com