Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1823 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1823
Description  Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1823 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1823_15 Datasheet HTML 4Page - Analog Devices ADP1823_15 Datasheet HTML 5Page - Analog Devices ADP1823_15 Datasheet HTML 6Page - Analog Devices ADP1823_15 Datasheet HTML 7Page - Analog Devices ADP1823_15 Datasheet HTML 8Page - Analog Devices ADP1823_15 Datasheet HTML 9Page - Analog Devices ADP1823_15 Datasheet HTML 10Page - Analog Devices ADP1823_15 Datasheet HTML 11Page - Analog Devices ADP1823_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ADP1823
Rev. D | Page 8 of 32
Pin No.
Mnemonic
Description
24
POK1
Open-Drain Power OK Output for Channel 1. Sinks current when FB1 is out of regulation. Connect a pull-up
resistor from POK1 to VREG.
25
EN1
Enable Input for Channel 1. Drive EN1 high to turn on the Channel 1 controller, and drive it low to turn off
the Channel 1 controller. Enabling starts the internal LDO. Tie to IN for automatic startup.
26
EN2
Enable Input for Channel 2. Drive EN2 high to turn on the Channel 2 controller, and drive it low to turn off
the Channel 2 controller. Enabling starts the internal LDO. Tie to IN for automatic startup.
27
LDOSD
LDO Shut-Down Input. Only used to shut down the LDO in those applications where IN is tied directly to VREG.
Otherwise, connect LDOSD to GND or leave it open because it has an internal 100 kΩ pull-down resistor.
28
IN
Input Supply to the Internal Linear Regulator. Drive IN with 5.5 V to 20 V to power the ADP1823 from the LDO.
For input voltages between 3.7 V and 5.5 V, tie IN to VREG and PV.
29
VREG
Output of the Internal Linear Regulator (LDO). The internal circuitry and gate drivers are powered from VREG.
Bypass VREG to the ground plane with a 1 μF ceramic capacitor.
30
SS1
Soft Start Control Input. Connect a capacitor from SS1 to GND to set the soft start period.
31
TRK1
Tracking Input for Channel 1. To track a master voltage, drive TRK1 from a voltage divider to the master voltage.
If the tracking function is not used, connect TRK1 to VREG.
32
COMP1
Error Amplifier Output for Channel 1. Connect an RC network from COMP1 to FB1 to compensate Channel 1.


Similar Part No. - ADP1823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1823-EVAL AD-ADP1823-EVAL Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1823ACPZ-R7 AD-ADP1823ACPZ-R7 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
More results

Similar Description - ADP1823_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1829 AD-ADP1829 Datasheet
691Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. 0
ADP1823 AD-ADP1823 Datasheet
676Kb / 32P
   Dual, Interleaved, Step-Down DC-to-DC Controller with Tracking
REV. A
ADP1822 AD-ADP1822_15 Datasheet
363Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. D
ADP1822 AD-ADP1822 Datasheet
447Kb / 24P
   PWM, Step-Down DC-to-DC Controller with Margining and Tracking
REV. B
logo
Maxim Integrated Produc...
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
   Synchronous, Step-Down DC-to-DC Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com