Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU320 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFU320
Description  3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFU320 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFU320 Datasheet HTML 1Page - Intersil Corporation IRFU320 Datasheet HTML 2Page - Intersil Corporation IRFU320 Datasheet HTML 3Page - Intersil Corporation IRFU320 Datasheet HTML 4Page - Intersil Corporation IRFU320 Datasheet HTML 5Page - Intersil Corporation IRFU320 Datasheet HTML 6Page - Intersil Corporation IRFU320 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
4-397
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the In-
tegral Reverse P-N
Junction Rectifier
-
-
3.1
A
Pulse Source to Drain Current
(Note 3)
ISDM
-
-
12
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 3.1A, VGS = 0V,
(Figure 13)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 25
oC, I
SD = 3.1A, dISD/dt = 100A/µs
120
270
600
ns
Reverse Recovery Charge
QRR
TJ = 25
oC, I
SD = 3.1A, dISD/dt = 100A/µs
0.64
1.4
3.0
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by maximum junction temperature. See Transient Thermal Impedance curve (Figure 3).
4. VDD = 50V, starting TJ = 25
oC, L = 3.1mH, R
GS = 25Ω, peak IAS = 3.1A.
Typical Performance Curves
Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. MAXIMUM TRANSIENT THERMAL IMPEDANCE
G
D
S
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
0
50
100
TC, CASE TEMPERATURE (
oC)
150
25
75
125
4.0
3.2
2.4
1.6
0.8
1
0.1
10-2
10-5
10-4
10-3
10-2
0.1
1
10
t1, RECTANGULAR PULSE DURATION (s)
SINGLE PULSE
PDM
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
t1
t2
0.1
0.02
0.2
0.5
0.01
0.05
10
IRFR320, IRFU320


Similar Part No. - IRFU320

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU320 IRF-IRFU320 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=400V, Rds(on)=1.8ohm, Id=3.1A)
logo
Vishay Siliconix
IRFU320 VISHAY-IRFU320 Datasheet
1Mb / 8P
   Power MOSFET
S-81367-Rev. A, 21-Jul-08
logo
Kersemi Electronic Co.,...
IRFU320 KERSEMI-IRFU320 Datasheet
3Mb / 7P
   Power MOSFET
logo
Inchange Semiconductor ...
IRFU320 ISC-IRFU320 Datasheet
340Kb / 2P
   iscN-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFU320 VISHAY-IRFU320 Datasheet
827Kb / 13P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFU320

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF320 INTERSIL-IRFF320 Datasheet
325Kb / 7P
   2.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRF720 INTERSIL-IRF720 Datasheet
54Kb / 7P
   3.3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
BUZ76 INTERSIL-BUZ76 Datasheet
42Kb / 5P
   3A, 400V, 1.800 Ohm, N-Channel Power MOSFET
October 1998
IRFD320 INTERSIL-IRFD320 Datasheet
50Kb / 6P
   0.5A, 400V, 1.800 Ohm, N-Channel Power MOSFET
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
   3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
RFM12N35 INTERSIL-RFM12N35 Datasheet
31Kb / 4P
   12A, 350V and 400V, 0.500 Ohm, N-Channel Power MOSFETs
RFH12N35 INTERSIL-RFH12N35 Datasheet
40Kb / 5P
   12A, 350V and 400V, 0.380 Ohm, N-Channel Power MOSFETs
RFM4N35 INTERSIL-RFM4N35 Datasheet
38Kb / 4P
   4A, 350V and 400V, 2.000 Ohm, N-Channel Power MOSFETs
RFM7N35 INTERSIL-RFM7N35 Datasheet
47Kb / 4P
   7A, 350V and 400V, 0.75 Ohm, N-Channel Power MOSFETs
logo
Shindengen Electric Mfg...
P23F40HP2FM SHINDENGEN-P23F40HP2FM Datasheet
1Mb / 8P
   Power MOSFETs 400V, 23A, N-channel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com