Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP2291 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP2291
Description  Compact, 1.5 A Linear Charger for Single-Cell Li Battery
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2291 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP2291_15 Datasheet HTML 2Page - Analog Devices ADP2291_15 Datasheet HTML 3Page - Analog Devices ADP2291_15 Datasheet HTML 4Page - Analog Devices ADP2291_15 Datasheet HTML 5Page - Analog Devices ADP2291_15 Datasheet HTML 6Page - Analog Devices ADP2291_15 Datasheet HTML 7Page - Analog Devices ADP2291_15 Datasheet HTML 8Page - Analog Devices ADP2291_15 Datasheet HTML 9Page - Analog Devices ADP2291_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP2291
Rev. A | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
DRV
1
GND
2
BAT
3
CS
4
CHG
8
TIMER
7
IN
6
ADJ
5
ADP2291
TOP VIEW
(Not to Scale)
Figure 2. 8-Lead MSOP Pin Configuration
PIN 1
INDICATOR
1
DRV
2
GND
3
BAT
4
CS
7 TIMER
8 CHG
6IN
5 ADJ
TOP VIEW
(Not to Scale)
ADP2291
Figure 3. 8-Lead LFCSP Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
DRV
Base Driver Output. Controls the base of an external PNP pass transistor.
2
GND
Ground.
3
BAT
Battery Voltage Sense Input.
4
CS
Current Sense Resistor Negative Input.
5
ADJ
Charging Current Adjust and Charger Shutdown Input.
6
IN
Power Input and Current Sense Resistor Positive Input.
7
TIMER
Timer Programming Input/Disable.
8
CHG
LED Charge Status Indicator. This is an open-collector output.


Similar Part No. - ADP2291_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2291ACPZ-R7 AD-ADP2291ACPZ-R7 Datasheet
388Kb / 20P
   Compact, 1.5 A Linear Charger for Single-Cell Li Battery
REV. 0
ADP2291ARMZ-R7 AD-ADP2291ARMZ-R7 Datasheet
388Kb / 20P
   Compact, 1.5 A Linear Charger for Single-Cell Li Battery
REV. 0
More results

Similar Description - ADP2291_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2291 AD-ADP2291 Datasheet
388Kb / 20P
   Compact, 1.5 A Linear Charger for Single-Cell Li Battery
REV. 0
logo
Maxim Integrated Produc...
MAX1898 MAXIM-MAX1898 Datasheet
210Kb / 12P
   Linear Charger for Single-Cell Li Battery
Rev 0; 1/02
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
G5806 GMT-G5806 Datasheet
73Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
   Linear Single Cell Li-Ion Battery Charger
logo
Global Mixed-mode Techn...
G5805 GMT-G5805 Datasheet
74Kb / 1P
   Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9515 RICHTEK-RT9515 Datasheet
228Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
RT9505 RICHTEK-RT9505 Datasheet
287Kb / 11P
   Linear Single Cell Li-Ion Battery Charger IC
logo
Global Mixed-mode Techn...
G5803 GMT-G5803 Datasheet
76Kb / 1P
   1A Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9513 RICHTEK-RT9513 Datasheet
207Kb / 9P
   Linear Single Cell Li-Ion Battery Charger IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com