Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3309ARTZ-2.7-R71 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3309ARTZ-2.7-R71
Description  Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309ARTZ-2.7-R71 Datasheet(HTML) 4 Page - Analog Devices

  ADP3309ARTZ-2.7-R71 Datasheet HTML 1Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 2Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 3Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 4Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 5Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 6Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 7Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 8Page - Analog Devices ADP3309ARTZ-2.7-R71 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADP3309
Rev. C | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Input Supply Voltage
−0.3 V to +16 V
Shutdown Input Voltage
−0.3 V to +16 V
Power Dissipation
Internally Limited
Operating Ambient Temperature Range
−55°C to +125°C
Operating Junction Temperature Range
−55°C to +125°C
θJA
190°C/W
θJC
92°C/W
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering 10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADP3309ARTZ-2.7-R71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3309ARTZ-2.7-R71 AD-ADP3309ARTZ-2.7-R71 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
ADP3309ARTZ-2.7-R71 AD-ADP3309ARTZ-2.7-R71 Datasheet
348Kb / 12P
   anyCAP 100 mA Low Dropout Linear Regulator
REV. C
More results

Similar Description - ADP3309ARTZ-2.7-R71

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
logo
Diodes Incorporated
AZ1117C DIODES-AZ1117C Datasheet
839Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
AZ2117 DIODES-AZ2117 Datasheet
355Kb / 9P
   LOW DROPOUT LINEAR REGULATOR
July 2017
logo
ON Semiconductor
NCV8674 ONSEMI-NCV8674_11 Datasheet
157Kb / 11P
   Low Dropout Linear Regulator
October, 2011 ??Rev. 3
logo
DONGGUAN YOU FENG WEI E...
AMS1117-X.X YFWDIODE-AMS1117-X.X Datasheet
820Kb / 4P
   Low Dropout Linear Regulator
logo
Guangdong Kexin Industr...
KS1117 KEXIN-KS1117 Datasheet
1,018Kb / 3P
   Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC2951 AIC-AIC2951 Datasheet
153Kb / 10P
   Low Dropout Linear Regulator
logo
Analog Devices
ADP3308 AD-ADP3308_15 Datasheet
128Kb / 8P
   Low Dropout Linear Regulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com