Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2335DS-HF-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2335DS-HF-3
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2335DS-HF-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2335DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2335DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
Features
VDS (V) =-12V
ID =-4.0A (VGS =-4.5V)
RDS(ON) < 51mΩ (VGS =-4.5V)
RDS(ON) < 70mΩ (VGS =-2.5V)
RDS(ON) < 106mΩ (VGS =-1.8V)
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
VGS
Continuous Drain Current
Ta = 25℃
-4.0
-3.2
Ta = 70℃
-3.3
-2.6
Pulsed Drain Current
IDM
Power Dissipation
Ta = 25℃
1.25
0.75
Ta = 70℃
0.8
0.48
Thermal Resistance.Junction- to-Ambient t≤5 sec
Steady State
Thermal Resistance.Junction- to-Foot
RthJF
Junction Temperature
TJ
Storage Temperature Range
Tstg
100
166
50
150
-55 to 150
W
RthJA
-12
±
8
ID
V
/W
A
-15
PD
Pb−Free Package May be Available. The G−Suffix Denotes a
Pb−Free Lead Finish
P-Channel MOSFET
SI2335DS-HF (KI2335DS-HF)
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
1. Gate
2. Source
3. Drain


Similar Part No. - SI2335DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2335DS-HF KEXIN-SI2335DS-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
More results

Similar Description - SI2335DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com