Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FCHM Datasheet(PDF) 1 Page - Cynergy3 Co

Part # FCHM
Description  Hydromatic Pump Control Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

FCHM Datasheet(HTML) 1 Page - Cynergy3 Co

  FCHM Datasheet HTML 1Page - Cynergy3 Co FCHM Datasheet HTML 2Page - Cynergy3 Co FCHM Datasheet HTML 3Page - Cynergy3 Co FCHM Datasheet HTML 4Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Use
To maintain and control water pressure, within a pumped system, for
the supply to industrial processes and heating systems.
Ensures
constant flow and pressure to allow optimum performance of gas
boilers or heaters, while preventing cycling and consequent
temperature variations in the various appliances.
Description
A compact unit, which combines all the functions of a complete
pressurising system, ie. Pressure Switch, Dry Running cut-out, Control
Panel, Pressure Reservoir and Non-return Valve. The system employs a
hydraulic chamber, equipped with a damping system to protect against
water hammer, and a patented electromechanical control board, to be
connected to 240Vac power source, with an internal 24V secondary
circuit.
Compared with conventional systems this is not only more compact,
but easier and quicker to install, and makes for significant energy
savings and reduced pump wear. It is also maintenance free, as the
pressurisation unit does not require precharging with air.
This system combines the versatility and control of conventional
pressure switches with the advantages of pressure/flow switches.
Avoids the need for pressure reservoirs, along with their associated
maintenance costs.
SPECIFICATION
Supply voltage
240Vac 50-60Hz
Max operating power
2HP
IP Rating
65
Max pressure
10 bar
Max flow rate
100 l/min
Max fluid temperature
60°C
Max ambient temperature
60°C
Minimum start-up pressure adjustable
1 - 3.5 bar
Pump shutdown Flowrate
1.5L/min.
Minimum output pressure(Pump max pressure) > = start-up
FCHM
Hydromatic Pressure Regulator
FCHM
Hydromatic Pump Control Module
WITHOUT FCHM
Press Switch Min. Press
Pressure Vessel
Dry Running
Control Panel
Foot Valve
WITH FCHM
cynergy
components
Cynergy3 Components Ltd
7 Cobham Road
Ferndown Industrial Estate
Wimborne
Dorset BH21 7PE
Tel: +44 (0) 1202 897969
sales@cynergy3.com
www.cynergy3.com
1-3.5 bar, adjustable
• Dry running cut out
and foot valve
• Visual Indication and
manual reset for
water circuit faults
• Pressure gauge for
easy set up
• Auxiliary fuse to
protect pump
control circuit
Start up pressure
cynergy
components
from
Submersible
pump
page 1
page 2
www.cynergy3.com
www.cynergy3.com
© 2013 Cynergy3 Components, All Rights Reserved.
© 2013 Cynergy3 Components, All Rights Reserved.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO 9001
ISO 9001
C E R T I F IED
C E R T I F IED


Similar Part No. - FCHM

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FCH023N65S3 ISC-FCH023N65S3 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
FCH029N65S3 ONSEMI-FCH029N65S3 Datasheet
283Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m
June, 2020 ??Rev. 0
FCH029N65S3-F155 ONSEMI-FCH029N65S3-F155 Datasheet
283Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 75 A, 29 m
June, 2020 ??Rev. 0
FCH040N65S3 ONSEMI-FCH040N65S3 Datasheet
927Kb / 10P
   N-Channel SuperFET MOSFET
January, 2017, Rev. 1.0
logo
Inchange Semiconductor ...
FCH040N65S3 ISC-FCH040N65S3 Datasheet
405Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FCHM

ManufacturerPart #DatasheetDescription
logo
American Zettler, Inc.
AZ992 AZETTLER-AZ992 Datasheet
141Kb / 2P
   Designed for Headlight control, Fuel pump control
logo
JDS Uniphase Corporatio...
49-3940-4000-B JDSU-49-3940-4000-B Datasheet
278Kb / 5P
   Uncooled Multi-Mode Pump Module
logo
Bookham, Inc.
LU974C-R BOOKHAM-LU974C-R Datasheet
152Kb / 5P
   980nm Pump Laser Module, Uncooled
logo
Agere Systems
269 AGERE-269 Datasheet
85Kb / 8P
   269-Type 1480 nm Pump Laser Module
980 AGERE-980 Datasheet
212Kb / 8P
   980-Type Ultrahigh- Reliability Pump Laser Module
logo
Bookham, Inc.
LC94 BOOKHAM-LC94 Datasheet
171Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 300mW
LC95 BOOKHAM-LC95 Datasheet
341Kb / 5P
   980nm Pump Laser Module - Grating Stabilized, 400mW
logo
Systemsensor advanced i...
EM-1SRI SYSTEMSENSOR-EM-1SRI Datasheet
290Kb / 4P
   Supervised Control Module
logo
Power Semiconductors
ATD461 POSEICO-ATD461 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
ATD571 POSEICO-ATD571 Datasheet
165Kb / 4P
   PHASE CONTROL MODULE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com