Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ILSEU-Gi048-D Datasheet(PDF) 2 Page - Cynergy3 Co

Part # ILSEU-Gi048-D
Description  External Mount Hydrostatic Level Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

ILSEU-Gi048-D Datasheet(HTML) 2 Page - Cynergy3 Co

  ILSEU-Gi048-D Datasheet HTML 1Page - Cynergy3 Co ILSEU-Gi048-D Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.cynergy3.com
© 2015 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Output Signal and Supply Voltage
Wire system Output
Supply Volts
Connection
Pin No. (Large plug and socket)
2-wire
4-20mA
9-32Vdc
+ve Supply
Pin 1
-ve Supply
Pin 2
Ground
Earth pin
3-wire
0.5 - 4.5Vdc (
9-32 Vdc
+ve Supply
Pin 1
non-ratiometric)
-ve Supply
Pin 2
+ve Output
Pin 3
Ground
Earth Pin
ILSEU series
External Mount Hydrostatic Level Transmitter
ILSEU 2015
(Custom ranges and outputs available on request)
(0.945")
(0.708")
Part No
Pressure Range Output
ILSEU-Gi048-5
0-48" WG
4-20mA
ILSEU-Gi120-5
0-120" WG
4-20mA
ILSEU-Gi240-5
0-240" WG
4-20mA
ILSEU-Gi360-5
0-360" WG
4-20mA
ILSEU-Gi480-5
0-480" WG
4-20mA
ILSEU-Gi048-D
0-48" WG
0.5 to 4.5V 3Wire
ILSEU-Gi120-D
0-120" WG
0.5 to 4.5V 3Wire
ILSEU-Gi240-D
0-240" WG
0.5 to 4.5V 3Wire
ILSEU-Gi360-D
0-360" WG
0.5 to 4.5V 3Wire
ILSEU-Gi480-D
0-480" WG
0.5 to 4.5V 3Wire
Part No
Pressure Range Output
ILSEU-G0100-5
0 - 1mWG
4-20mA
ILSEU-G0250-5
0 - 2.5mWG
4-20mA
ILSEU-G0500-5
0 - 5mWG
4-20mA
ILSEU-G0700-5
0 - 7mWG
4-20mA
ILSEU-G1000-5
0 - 10mWG
4-20mA
ILSEU-G0100-D
0 - 1mWG
0.5 to 4.5V 3Wire
ILSEU-G0250-D
0 - 2.5mWG
0.5 to 4.5V 3Wire
ILSEU-G0500-D
0 - 5mWG
0.5 to 4.5V 3Wire
ILSEU-G0700-D
0 - 7mWG
0.5 to 4.5V 3Wire
ILSEU-G1000-D
0 - 10mWG
0.5 to 4.5V 3Wire


Similar Part No. - ILSEU-Gi048-D

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILSE CYNERGY3-ILSE Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0100-5 CYNERGY3-ILSE-G0100-5 Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0100-D CYNERGY3-ILSE-G0100-D Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0250-5 CYNERGY3-ILSE-G0250-5 Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
ILSE-G0250-D CYNERGY3-ILSE-G0250-D Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
More results

Similar Description - ILSEU-Gi048-D

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
ILSE CYNERGY3-ILSE Datasheet
106Kb / 2P
   External Mount Hydrostatic Level Transmitter
logo
TT Electronics.
DS2801 TTELEC-DS2801 Datasheet
506Kb / 2P
   PFT Hydrostatic Level Sensor
logo
Fuji Electric
EDSX7-66H FUJI-EDSX7-66H Datasheet
266Kb / 12P
   LEVEL TRANSMITTER
EDSX7-60J FUJI-EDSX7-60J Datasheet
166Kb / 12P
   LEVEL TRANSMITTER
logo
Magnetrol International...
082-8003-404 MAGNETROL-082-8003-404 Datasheet
781Kb / 24P
   RF Level Transmitter
logo
Cynergy3 Co
ILS CYNERGY3-ILS Datasheet
56Kb / 2P
   Submersible Level Transmitter
ILSU CYNERGY3-ILSU Datasheet
60Kb / 2P
   Submersible Level Transmitter
logo
List of Unclassifed Man...
313L ETC2-313L Datasheet
92Kb / 2P
   SUBMERSIBLE LEVEL TRANSMITTER
logo
Fuji Electric
EDS7-65D FUJI-EDS7-65D Datasheet
167Kb / 4P
   WATER LEVEL TRANSMITTER
EDS7-63 FUJI-EDS7-63 Datasheet
108Kb / 8P
   OPTICAL LEVEL TRANSMITTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com