Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPSS-G1000-5S Datasheet(PDF) 1 Page - Cynergy3 Co

Part # IPSS-G1000-5S
Description  Semi-Flush Mount Pressure Transmitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

IPSS-G1000-5S Datasheet(HTML) 1 Page - Cynergy3 Co

  IPSS-G1000-5S Datasheet HTML 1Page - Cynergy3 Co IPSS-G1000-5S Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.cynergy3.com
© 2014 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
IPS
series
S
Semi-Flush Mount Pressure Transmitter
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
The semi-flush mount pressure
transmitter, IPSS, has a piezo-resistive
silicon or ceramic pressure sensor. The
sensor is semi-flush to the housing
making this product ideal for viscous or
paste like media. The sensor and housing
are made from stainless steel with a
choice of internal ‘O’ ring seals to ensure
the product is suitable for a wide range of
applications.
The electronics incorporate a
microprocessor-based amplifier, requiring
no adjusting and giving stable electronics
-or
especially in high vibration
shock
applications.
Every device is temperature compensated,
calibrated and supplied with a traceable
serial number and calibration certificate.
Accuracy < 0.2 % FS BFSL
±
5
Pressure ranges from 100mbar to 100 bar
Pressure reference, Gauge or Absolute
Piezo-resistive sensor, Ceramic or Silicon
Various outputs including Volts and mA.
Suitable applications
Environmental engineering
Automotive testing
Static tank level
Process pumping
Viscous and paste-like media
Sewage or grey water
Composite manufacturing
Injection moulding or infusion
Process control
Aggressive media
Performance
Accuracy (Non-Linearity
<±0. % / FS (BFSL)
& Hysteresis)
25
Setting Errors (offsets)
2-wire
Zero & Full Scale, <±0.5% / FS
3-wire
Zero & Full Scale, <±0.5% / FS
Permiss ble Load
2-wire
R
= [(VS-VSmin)/0.02]
i
max
W
3-wire
R = 10k
min
W
Influence Effects
Supply
<0.005% FS / 1V
Load
0.05% FSO / k
W
Electrical Protection
Supply reverse polarity
No damage but also no function
Electromagnetic compatibility
CE Compliant
Mechanical Stability
Shock
100g / 11s
Vibration
10g RMS (20 - 2000Hz)
Temperatures & Thermal Effects
Media Temperature
-40ºC to +125ºC
Ambient Temperature
-20ºC to +80ºC
Storage temperature
-40ºC to +125ºC
Compensated temperature
+20ºC to +80ºC
Thermal Zero Shift (TZS)
<±0.04% /FS/ºC
Thermal Span Shift (TSS)
<-0.015% /ºC
Material Specifications
Housing
303 Stainless Steel
“O” ring seals
Viton
Diaphragm
316L Stainless Steel or Ceramic
Media wetted parts
Housing & process connection, “O” ring
seal, diaphragm
Miscellaneous
Current consumption
2 -wire - limits at 28mA
3-wire - typical 6mA
Weight
Approx 100g
Installation position
Any, small zero shift when tilted through 90º
for silicon
Operational Life
> 100 x 10 cycles
6
Insulation resistance
> 50MOhms at 50Vdc
Mechanical Dimensions
G 3/4” BSP Male
M12 4-pin connector


Similar Part No. - IPSS-G1000-5S

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A1000-5C CYNERGY3-IPSSAT-A1000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A1002-5C CYNERGY3-IPSSAT-A1002-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A2000-5C CYNERGY3-IPSSAT-A2000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
IPSSAT-A5000-5C CYNERGY3-IPSSAT-A5000-5C Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
More results

Similar Description - IPSS-G1000-5S

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
IPSSAT CYNERGY3-IPSSAT Datasheet
641Kb / 2P
   Intrinsically Safe, Semi-Flush Mount Pressure Transmitter
logo
Fuji Electric
EDSX5-98G FUJI-EDSX5-98G Datasheet
187Kb / 8P
   PRESSURE TRANSMITTER (DIRECT MOUNT TYPE)
logo
Festo Corporation.
571476 FESTO-571476 Datasheet
92Kb / 2P
   Pressure transmitter
571488 FESTO-571488 Datasheet
82Kb / 2P
   Pressure transmitter
8000102 FESTO-8000102 Datasheet
94Kb / 2P
   Pressure transmitter
8025976 FESTO-8025976 Datasheet
76Kb / 2P
   Pressure transmitter
571472 FESTO-571472 Datasheet
92Kb / 2P
   Pressure transmitter
571482 FESTO-571482 Datasheet
92Kb / 2P
   Pressure transmitter
571483 FESTO-571483 Datasheet
82Kb / 2P
   Pressure transmitter
8000101 FESTO-8000101 Datasheet
94Kb / 2P
   Pressure transmitter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com