Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS5 Datasheet(PDF) 2 Page - Cynergy3 Co

Part # OLS5
Description  Optical liquid level sensor M10 mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

OLS5 Datasheet(HTML) 2 Page - Cynergy3 Co

  OLS5 Datasheet HTML 1Page - Cynergy3 Co OLS5 Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OLS5 Series
Optical liquid level sensor M10 mount
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Installation
The sensor can be mounted in either the side or the bottom of a tank. It must not be mounted in the top of a tank with
the cone downwards.
This sensor requires a hole of 10mm minimum or an M10x1 thread socket connection. The hole should be in a flat
surface and be free of burrs.
The sensor with suitable gasket should be inserted into the hole and a fixing nut fitted on the M10 thread on the outside
of the tank. Alternatively the sensor can be screwed into a M10x1 socket. The sensor should not be overtightened.
Cleaning
Proper fluids should be selected based on the type of contamination to be removed. It is recommended that freon or
alcohol based solvents are used.
DO NOT USE chlorinated solvents such as trichloroethylene as these are likely to attack the sensor housing material.
Liquid Media Compatibility
Check that the fluid in which you wish to use the sensor is compatible with Polysulfone.
Red wire =Vs
M10x1 socket
“O” ring gasket
Fixing nut M10x1
Installation with back nut
Installation in M10x1 socket
Green wire =Output
Blue wire = 0V


Similar Part No. - OLS5

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLS500 SKYWORKS-OLS500 Datasheet
360Kb / 6P
   Hermetic Surface Mount High CMR, High-Speed Logic Gate Optocoupler
April 17, 2017
More results

Similar Description - OLS5

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
OLS2 CYNERGY3-OLS2 Datasheet
860Kb / 2P
   Optical liquid level sensor M12 mount
OLS7 CYNERGY3-OLS7 Datasheet
888Kb / 2P
   Optical liquid level sensor 1/4NPT mount
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com