Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OLS210D3LSH Datasheet(PDF) 2 Page - Cynergy3 Co

Part # OLS210D3LSH
Description  Optical liquid level sensor M12 mount
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNERGY3 [Cynergy3 Co]
Direct Link  http://www.cynergy3.com
Logo CYNERGY3 - Cynergy3 Co

OLS210D3LSH Datasheet(HTML) 2 Page - Cynergy3 Co

  OLS210D3LSH Datasheet HTML 1Page - Cynergy3 Co OLS210D3LSH Datasheet HTML 2Page - Cynergy3 Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OLS2 Series
Optical liquid level sensor M12 mount
www.cynergy3.com
© 2012 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Limited.
ISO
9001 CERTIFIED
Cynergy3 Components Ltd.
7 Cobham Road
Ferndown Industrial Estate
Wimborne, Dorset BH21 7PE
Telephone +44 (0) 1202 897969
Email:sales@cynergy3.com
Installation
The sensor can be mounted in either the side or the bottom of a tank. It must not be mounted in the top of a tank with
the cone downwards.
This sensor requires a hole of 12mm minimum or an M12x1 thread socket connection. The hole should be in a flat
surface and be free of burrs.
The sensor with suitable gasket should be inserted into the hole and a fixing nut fitted on the M12 thread on the inside
of the tank. Alternatively the sensor can be screwed into a M12x1 socket. The sensor should not be overtightened.
Cleaning
Proper fluids should be selected based on the type of contamination to be removed. It is recommended that freon or
alcohol based solvents are used.
DO NOT USE chlorinated solvents such as trichloroethylene as these are likely to attack the sensor housing material.
Liquid Media Compatibility
Check that the fluid in which you wish to use the sensor is compatible with Polysulfone.
Red wire =Vs
“O” ring gasket
Fixing nut M12x1
Green wire =Output
Output version 003 N-Channel Open Drain
Blue wire = 0V
Load
V+
Din
to rest of sensor circuit
O/P
O/P


Similar Part No. - OLS210D3LSH

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
OLS2249 SKYWORKS-OLS2249 Datasheet
290Kb / 6P
   Dual-Channel, Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
December 2, 2019
OLS2449 SKYWORKS-OLS2449 Datasheet
328Kb / 6P
   Dual Channel, Radiation Tolerant, Phototransistor Hermetic Surface Mount Optocoupler
logo
List of Unclassifed Man...
OLS249 ETC-OLS249 Datasheet
25Kb / 3P
   Radiation Tolerant Phototransistor Hermetic Surface Mount Optocoupler
logo
Skyworks Solutions Inc.
OLS249 SKYWORKS-OLS249 Datasheet
394Kb / 6P
   Radiation-Tolerant Phototransistor Hermetic Surface-Mount Optocoupler
April 13, 2017
More results

Similar Description - OLS210D3LSH

ManufacturerPart #DatasheetDescription
logo
Cynergy3 Co
OLS5 CYNERGY3-OLS5 Datasheet
2Mb / 2P
   Optical liquid level sensor M10 mount
OLS7 CYNERGY3-OLS7 Datasheet
888Kb / 2P
   Optical liquid level sensor 1/4NPT mount
logo
American Electronic Com...
DLN AEC-DLN Datasheet
206Kb / 1P
   Optical Liquid Level Sensors
D500A3 AEC-D500A3 Datasheet
115Kb / 1P
   Optical Liquid Level Sensors
D101 AEC-D101 Datasheet
190Kb / 1P
   Optical Liquid Level Sensors
D102 AEC-D102 Datasheet
227Kb / 1P
   Optical Liquid Level Sensors
D600HD AEC-D600HD Datasheet
223Kb / 1P
   Optical Liquid Level Sensors
D103 AEC-D103 Datasheet
188Kb / 1P
   Optical Liquid Level Sensors
D200HD AEC-D200HD Datasheet
222Kb / 1P
   Optical Liquid Level Sensors
D500A AEC-D500A Datasheet
380Kb / 1P
   Optical Liquid Level Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com