Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2202C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT2202C
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2202C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2202C_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2202C_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT2202C
R07DS1179EJ0700 Rev.7.00
Page 4 of 6
Mar 19, 2014
Case Temperature
Tc
(°C)
Static Drain to Source on State Resistance
vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance vs.
Drain Current
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nc)
Dynamic Input Characteristics
Drain Current ID (A)
Switching Characteristics
Source to Drain Voltage VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
75
60
45
30
15
–25
0
25
50
75
100 125 150
0
0.3
0.1
1
10
100
30
10
3
1
0.3
0.1
3
25
°C
75
°C
VGS = 2.5 V
1, 1.5 ,3 A
0
10
20
1000
100
300
40
0
8
30
6
20
4
10
2
24
6
8
10
0
100
1
10
0.1
0.3
1
3
10
30
100
30
10
Ciss
Coss
ID = 3 A
VDD
VGS
515
25
0
0.4
0.8
1.2
1.6
2.0
20
8
VGS = 0 V
4
12
16
3 A
ID = 1, 1.5 A
4.5 V
5 V
Crss
VGS = 4.5 V, VDD = 10 V
Rg = 4.7
Ω, duty ≤ 1 %
Tc = –25
°C
Pulse Test
VDS = 10 V
Pulse Test
VGS = 0
f = 1 MHz
VDD = 5 V
10 V
20 V
VDD = 20 V
10 V
5 V
tr
tf
td(off)
td(on)
Pulse Test


Similar Part No. - HAT2202C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2202C-EL-E RENESAS-HAT2202C-EL-E Datasheet
208Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2202C RENESAS-HAT2202C_09 Datasheet
208Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - HAT2202C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com