Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT2205C Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HAT2205C
Description  Silicon N Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2205C Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2205C_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2205C_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2205C
R07DS1181EJ0500 Rev.5.00
Page 3 of 6
Mar 19, 2014
Main Characteristics
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
1.6
1.2
0.8
0.4
0
50
100
150
200
10
8
6
4
2
0
24
6
8
10
20
16
12
8
4
0
12
3
4
5
1.4 V
25°C
–25°C
100
0
2
6
8
10
0.1
10
1
100
100
1000
10
200
1.8V
1.6 V
2.5 V
1.8 V
1.5 A
3 A
4
1
0.1
0.01
0.01
0.1
1
10
100
0.001
0.001
10
100
DC
operation
PW
=
10
ms
1 ms
100
μs
10
μs
Pulse Test
VGS = 1.2 V
ID = 0.5 A
VGS = 4.5 V
Test Condition :
When using the glass epoxy board
(FR4 40 x 40 x 1.6 mm), Ta = 25
°C
Tc = 75°C
VDS = 10 V
Pulse Test
Pulse Test
Pulse Test
Ta = 25°C,1shot pulse
When using the FR4 board.
Operation in this area
is limited by R
DS(on)
5 V
2.5 V


Similar Part No. - HAT2205C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2205C RENESAS-HAT2205C_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
More results

Similar Description - HAT2205C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQM2201DNS RENESAS-RQM2201DNS Datasheet
120Kb / 8P
   Silicon N Channel MOS FET Power Switching
HITK0203MP RENESAS-HITK0203MP_12 Datasheet
104Kb / 7P
   Silicon N Channel MOS FET Power Switching
HITK0303MP RENESAS-HITK0303MP_13 Datasheet
103Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA_11 Datasheet
90Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0202RGDQA RENESAS-RQK0202RGDQA_11 Datasheet
91Kb / 7P
   Silicon N Channel MOS FET Power Switching
HAT2196C RENESAS-HAT2196C Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0302GGDQS RENESAS-RQK0302GGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0601AGDQS RENESAS-RQK0601AGDQS Datasheet
89Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0605JGDQA RENESAS-RQK0605JGDQA Datasheet
92Kb / 7P
   Silicon N Channel MOS FET Power Switching
RQK0607AQDQS RENESAS-RQK0607AQDQS Datasheet
116Kb / 8P
   Silicon N Channel MOS FET Power Switching
RQK2001HQDQA RENESAS-RQK2001HQDQA Datasheet
124Kb / 8P
   Silicon N Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com