Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43113IB-T Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43113IB-T
Description  Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43113IB-T Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43113IB-T Datasheet HTML 1Page - Intersil Corporation ISL43113IB-T Datasheet HTML 2Page - Intersil Corporation ISL43113IB-T Datasheet HTML 3Page - Intersil Corporation ISL43113IB-T Datasheet HTML 4Page - Intersil Corporation ISL43113IB-T Datasheet HTML 5Page - Intersil Corporation ISL43113IB-T Datasheet HTML 6Page - Intersil Corporation ISL43113IB-T Datasheet HTML 7Page - Intersil Corporation ISL43113IB-T Datasheet HTML 8Page - Intersil Corporation ISL43113IB-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Pinouts (Note 1)
ISL43112 (SOIC)
TOP VIEW
ISL43112 (SOT-23)
TOP VIEW
ISL43113 (SOIC)
TOP VIEW
ISL43113 (SOT-23)
TOP VIEW
NOTE:
1. Switches Shown for Logic “0” Input.
COM
V-
V+
NO
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
V-
NO
IN
COM
V-
V+
NC
IN
6
7
8
5
1
2
3
4
N.C.
N.C.
N.C.
4
5
1
2
3
COM
V+
V-
NC
IN
Truth Table
LOGIC
ISL43112
ISL43113
0OFF
ON
1ON
OFF
NOTE:
Logic “0”
≤ 1.5V; Logic “1” ≥ 3.5V at VS = ±5V
Pin Descriptions
PIN
FUNCTION
V+
System Positive Power Supply Input (+1.5V to +6V)
V-
System Negative Power Supply Input (-1.5V to -6V)
IN
CMOS Compatible Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
ISL43112, ISL43113


Similar Part No. - ISL43113IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43113IB-T INTERSIL-ISL43113IB-T Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43113IB-T INTERSIL-ISL43113IB-T Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
More results

Similar Description - ISL43113IB-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110 Datasheet
749Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
239Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
   Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com