Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3199 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # 2SC3199
Description  NPN Plastic-Encapsulated Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SC3199 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SC3199_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SC3199_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH 2SC3199_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Elektronische Bauelemente
2SC3199
0.15 A , 50 V
NPN Plastic-Encapsulated Transistor
22-Aug-2013 Rev. E
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.

Base

Emitter
Collector

RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
High DC Current Gain
Small Package
APPLICATIONS
Audio Amplifier Applications
AM Amplifier Applications
CLASSIFICATION OF hFE
Product-Rank
2SC3199-O
2SC3199-Y
2SC3199-GR
Range
70~140
120~240
200~400
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Collector to Base Voltage
VCBO
50
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
5
V
Collector Current - Continuous
IC
150
mA
Collector Power Dissipation
PC
400
mW
Thermal Resistance From Junction To Ambient
RθJA
312
°C / W
Junction, Storage Temperature
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Collector to Base Breakdown Voltage
V(BR)CBO
50
-
-
V
IC=0.1mA, IE=0
Collector to Emitter Breakdown Voltage
V(BR)CEO
50
-
-
V
IC=1mA, IB=0
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.1mA, IC=0
Collector Cut – Off Current
ICBO
-
-
0.1
μA
VCB=50V, IE=0
Emitter Cut – Off Current
IEBO
-
-
0.1
μA
VEB=5V, IC=0
DC Current Gain
hFE
70
-
400
VCE=6V, IC=2mA
Collector to Emitter Saturation Voltage
VCE(sat)
-
-
0.25
V
IC=100mA, IB=10mA
Collector Output Capacitance
Cob
-
-
3.5
pF
VCB=10V, IE=0, f=1MHz
Transition Frequency
fT
80
-
-
MHz
VCE=10V, IC=1mA
TO-92S
Millimeter
REF.
Min.
Max.
A
3.90
4.10
B
3.05
3.25
C
1.42
1.62
D
15.1
15.5
E
2.97
3.27
F
0.66
0.86
G
2.44
2.64
H
1.27 REF.
J
0.36
0.48
K
0.36
0.51
L
45°


Similar Part No. - 2SC3199_15

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SC3199-TA DGNJDZ-2SC3199-TA Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
2SC3199GF ETC1-2SC3199GF Datasheet
48Kb / 1P
   TO-92 Plastic Package Transistors (NPN)
2SC3199L ETC-2SC3199L Datasheet
55Kb / 1P
   SILICON NPN TRANSISTOR EPITAXIAL PLANAR TYPE(PCT PROCESS)
2SC3199O ETC1-2SC3199O Datasheet
48Kb / 1P
   TO-92 Plastic Package Transistors (NPN)
More results

Similar Description - 2SC3199_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
BD135 SECOS-BD135 Datasheet
85Kb / 2P
   NPN Plastic Encapsulated Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com