Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25QH128A Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN25QH128A
Description  128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25QH128A Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN25QH128A Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 9Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 75 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
EN25QH128A
Rev. C, Issue Date: 2014/01/22
MEMORY ORGANIZATION
The memory is organized as:
16,777,216 bytes
Uniform Sector Architecture
256 blocks of 64-Kbyte
512 blocks of 32-Kbyte
4,096 sectors of 4-Kbyte
65,536 pages (256 bytes each)
Each page can be individually programmed (bits are programmed from 1 to 0). The device is Sector,
Block or Chip Erasable but not Page Erasable.


Similar Part No. - EN25QH128A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104BBIP EON-EN25QH16-104BBIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104GIP EON-EN25QH16-104GIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104HIP EON-EN25QH16-104HIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104QIP EON-EN25QH16-104QIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25QH128A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q128 EON-EN25Q128 Datasheet
1Mb / 57P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
   8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40_11 Datasheet
966Kb / 49P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F40A EON-EN25F40A Datasheet
1Mb / 62P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com