Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN25QH128A Datasheet(PDF) 1 Page - Eon Silicon Solution Inc.

Part # EN25QH128A
Description  128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
Download  75 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN25QH128A Datasheet(HTML) 1 Page - Eon Silicon Solution Inc.

  EN25QH128A Datasheet HTML 1Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 2Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 3Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 4Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 5Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 6Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 7Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 8Page - Eon Silicon Solution Inc. EN25QH128A Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 75 page
background image
This Data Sheet may be revised by subsequent versions
©2014 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
1
EN25QH128A
Rev. C, Issue Date: 2014/01/22
FEATURES
• Single power supply operation
- Full voltage range: 2.7-3.6 volt
• Serial Interface Architecture
- SPI Compatible: Mode 0 and Mode 3
• 128 M-bit Serial Flash
- 128 M-bit/16,384 K-byte/65,536 pages
- 256 bytes per programmable page
• Standard, Dual or Quad SPI
- Standard SPI: CLK, CS#, DI, DO, WP#, HOLD#
- Dual SPI: CLK, CS#, DQ0, DQ1, WP#, HOLD#
- Quad SPI: CLK, CS#, DQ0, DQ1, DQ2, DQ3
• High performance
- 104MHz clock rate for Standard SPI
- 104MHz clock rate for two data bits
- 80MHz clock rate for four data bits
• Burst Modes
- Continuous linear burst
- 8/16/32/64/128/256 linear burst with wrap-
around
• Low power consumption
- 12 mA typical active current
- 1
μA typical power down current
• Uniform Sector Architecture:
- 4096 sectors of 4-Kbyte
- 512 blocks of 32-Kbyte
- 256 blocks of 64-Kbyte
- Any sector or block can be erased individually
• Software and Hardware Write Protection:
- Write Protect all or portion of memory via
software
- Enable/Disable protection with WP# pin
• High performance program/erase speed
- Page program time: 0.8ms typical
- Sector erase time: 50ms typical
- 32KB Block erase time 100ms typical
- 64KB Block erase time 200ms typical
- Chip erase time: 45 seconds typical
• Write Suspend and Write Resume
• Lockable 512 byte OTP security sector
• Support Serial Flash Discoverable
Parameters (SFDP) signature
• Read Unique ID Number
• Minimum 100K endurance cycle
• Package Options
-
8 pins SOP 200mil body width
-
8 pins VSOP 200mil body width
- 8 contact VDFN (5x6mm)
- 8 contact VDFN (6x8mm)
- 8 pins PDIP
- 16 pins SOP 300mil body width
- 24 balls TFBGA (6x8mm)
- All Pb-free packages are compliant RoHS,
Halogen-Free and REACH.
• Industrial temperature Range
GENERAL DESCRIPTION
The EN25QH128A is a 128 Megabit (16,384 K-byte) Serial Flash memory, with enhanced write
protection mechanisms. The EN25QH128A supports the standard Serial Peripheral Interface (SPI), and
a high performance Dual/Quad output as well as Dual/Quad I/O using SPI pins: Serial Clock, Chip
Select, Serial DQ0(DI), DQ1(DO), DQ2(WP#) and DQ3(HOLD#). SPI clock frequencies of up to 104MHz
are supported allowing equivalent clock rates of 208MHz (104MHz x 2) for Dual Output and 320MHz
(80MHz x 4) for Quad Output when using the Dual/Quad I/O Fast Read instructions. The memory can
be programmed 1 to 256 bytes at a time, using the Page Program instruction.
The EN25QH128A is designed to allow either single Sector/Block at a time or full chip erase operation.
The EN25QH128A can be configured to protect part of the memory as the software protected mode.
The device can sustain a minimum of 100K program/erase cycles on each sector or block.
EN25QH128A
128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector


Similar Part No. - EN25QH128A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25QH16 EON-EN25QH16 Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104BBIP EON-EN25QH16-104BBIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104GIP EON-EN25QH16-104GIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104HIP EON-EN25QH16-104HIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16-104QIP EON-EN25QH16-104QIP Datasheet
1Mb / 62P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results

Similar Description - EN25QH128A

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN25Q128 EON-EN25Q128 Datasheet
1Mb / 57P
   128 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16A EON-EN25Q16A Datasheet
1Mb / 53P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40A EON-EN25Q40A Datasheet
1Mb / 64P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q16 EON-EN25Q16 Datasheet
754Kb / 40P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F10A EON-EN25F10A Datasheet
1Mb / 62P
   1 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH16A EON-EN25QH16A Datasheet
1Mb / 66P
   16 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25QH32A EON-EN25QH32A Datasheet
1Mb / 63P
   32 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q80A EON-EN25Q80A Datasheet
1Mb / 50P
   8 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25Q40 EON-EN25Q40_11 Datasheet
966Kb / 49P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
EN25F40A EON-EN25F40A Datasheet
1Mb / 62P
   4 Megabit Serial Flash Memory with 4Kbyte Uniform Sector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com