Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43141IR Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL43141IR
Description  Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43141IR Datasheet(HTML) 3 Page - Intersil Corporation

  ISL43141IR Datasheet HTML 1Page - Intersil Corporation ISL43141IR Datasheet HTML 2Page - Intersil Corporation ISL43141IR Datasheet HTML 3Page - Intersil Corporation ISL43141IR Datasheet HTML 4Page - Intersil Corporation ISL43141IR Datasheet HTML 5Page - Intersil Corporation ISL43141IR Datasheet HTML 6Page - Intersil Corporation ISL43141IR Datasheet HTML 7Page - Intersil Corporation ISL43141IR Datasheet HTML 8Page - Intersil Corporation ISL43141IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Truth Table
LOGIC
ISL43140
ISL43141
ISL43142
SW 1, 2, 3, 4
SW 1, 2, 3, 4
SW 1, 4
SW 2, 3
0ON
OFF
OFF
ON
1
OFF
ON
ON
OFF
NOTE:
Logic “0”
≤ 0.8V. Logic “1” ≥ 2.4V.
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
IN
Digital Control Input
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
NC
Analog Switch Normally Closed Pin
N.C.
No Internal Connection
Ordering Information
PART NO.
(BRAND)
(NOTE 2)
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ISL43140IB
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43140IR*
(140I)
-40 to 85
16 Ld QFN
L16.3x3
ISL43140IV
-40 to 85
16 Ld TSSOP
M16.173
ISL43141IB
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43141IR*
(141I)
-40 to 85
16 Ld QFN
L16.3x3
ISL43141IV
-40 to 85
16 Ld TSSOP
M16.173
ISL43142IB
-40 to 85
16 Ld SOIC (N)
M16.15
ISL43142IR*
(142I)
-40 to 85
16 Ld QFN
L16.3x3
ISL43142IV
-40 to 85
16 Ld TSSOP
M16.173
NOTES:
2. Most surface mount devices are available on tape and reel; add
“-T” to suffix.
*
In Development.
ISL43140, ISL43141, ISL43142


Similar Part No. - ISL43141IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43141IR INTERSIL-ISL43141IR Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43141IRZ INTERSIL-ISL43141IRZ Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
ISL43141IRZ INTERSIL-ISL43141IRZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
logo
Renesas Technology Corp
ISL43141IRZ RENESAS-ISL43141IRZ Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results

Similar Description - ISL43141IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Renesas Technology Corp
ISL43143 RENESAS-ISL43143 Datasheet
990Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143_05 Datasheet
526Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43140 RENESAS-ISL43140 Datasheet
1Mb / 17P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
logo
Intersil Corporation
ISL43143 INTERSIL-ISL43143 Datasheet
470Kb / 15P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
ISL43140IBZ INTERSIL-ISL43140IBZ Datasheet
580Kb / 17P
   Low-Voltage, Single and Dual Supply,High Performance, Quad SPST, Analog Switches
August 24, 2015
ISL43143IV INTERSIL-ISL43143IV Datasheet
498Kb / 16P
   Low-Voltage, Single and Dual Supply, Quad SPST, High Performance Analog Switches
August 31, 2015
ISL84521 INTERSIL-ISL84521 Datasheet
365Kb / 12P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
ISL8391IB INTERSIL-ISL8391IB Datasheet
344Kb / 12P
   Low-Voltage, Single and Dual Supply Quad SPST, Analog Switches
August 2004
logo
Renesas Technology Corp
ISL84521 RENESAS-ISL84521 Datasheet
700Kb / 13P
   Low-Voltage, Single and Dual Supply, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com