Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN27LN2G08 Datasheet(PDF) 11 Page - Eon Silicon Solution Inc.

Part # EN27LN2G08
Description  2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN27LN2G08 Datasheet(HTML) 11 Page - Eon Silicon Solution Inc.

Back Button EN27LN2G08 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 9Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 10Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 11Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 12Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 13Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 14Page - Eon Silicon Solution Inc. EN27LN2G08 Datasheet HTML 15Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
This Data Sheet may be revised by subsequent versions
©2013 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
11
EN27LN2G08
Rev. D, Issue Date: 2013/12/13
Program / Erase Characteristics
(TA = 0 to 70°C or – 40°C to 85°C, VCC=2.7V~3.6V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Average Program Time
tPROG
(1)
-
250
750
us
Dummy Busy Time for Cache
Program
tCBSY
(2)
-
3
750
us
Number of Partial Program Cycles
in the Same Page
NOP
-
-
4
Cycle
Block Erase Time
tBERS
-
2
10
ms
Dummy Busy Time for Two-Plane Page
Program
tDBSY
0.5
1
us
Note:
1.
Typical program time is defined as the time within which more than 50% of the whole pages are
programmed at 3.3V VCC and 25°C temperature.
2.
tPROG is the average program time of all pages. Users should be noted that the program time
variation from page to page is possible.
3.
Max. time of tCBSY depends on timing between internal program completion and data in.
AC Timing Characteristics for Command / Address / Data Input
Parameter
Symbol
Min.
Max.
Unit
CLE Setup Time
tCLS
(1)
12
-
ns
CLE Hold Time
tCLH
5
-
ns
CE# Setup Time
tCS
20
-
ns
CE# Hold Time
tCH
5
-
ns
WE# Pulse Width
tWP
12
-
ns
ALE Setup Time
tALS
(1)
12
-
ns
ALE Hold Time
tALH
5
-
ns
Data Setup Time
tDS
(1)
12
-
ns
Data Hold Time
tDH
5
-
ns
Write Cycle Time
tWC
25
-
ns
WE# High Hold Time
tWH
10
-
ns
ALE to Data Loading Time
tADL
(2)
100
(2)
-
ns
Note:
1.
The transition of the corresponding control pins must occur only once while WE# is held low.
2.
tADL is the time from the WE# rising edge of final address cycle to the WE# rising edge of first data
cycle.


Similar Part No. - EN27LN2G08

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LN2G08

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN4G08 EON-EN27LN4G08 Datasheet
3Mb / 54P
   4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81KA ESMT-F59D2G81KA Datasheet
985Kb / 60P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
logo
Samsung semiconductor
K9E2G08B0M SAMSUNG-K9E2G08B0M Datasheet
896Kb / 38P
   256M x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59L2G81KA ESMT-F59L2G81KA Datasheet
1Mb / 60P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
F59L2G81XA ESMT-F59L2G81XA Datasheet
3Mb / 95P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D2G81XA ESMT-F59D2G81XA Datasheet
2Mb / 84P
   2 Gbit (256M x 8) 1.8V NAND Flash Memory
logo
Samsung semiconductor
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
K9E2G08U0M SAMSUNG-K9E2G08U0M Datasheet
888Kb / 38P
   256M x 8 Bits NAND Flash Memory
logo
Elite Semiconductor Mem...
F59L2G81LA ESMT-F59L2G81LA Datasheet
1Mb / 55P
   2 Gbit (256M x 8) 3.3V NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com