Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EN27LN4G08 Datasheet(PDF) 4 Page - Eon Silicon Solution Inc.

Part # EN27LN4G08
Description  4 Gigabit (512M x 8), 3.3 V NAND Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN27LN4G08 Datasheet(HTML) 4 Page - Eon Silicon Solution Inc.

  EN27LN4G08 Datasheet HTML 1Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 2Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 3Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 4Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 5Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 6Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 7Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 8Page - Eon Silicon Solution Inc. EN27LN4G08 Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
This Data Sheet may be revised by subsequent versions
©2013 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
4
EN27LN4G08
Rev. A, Issue Date: 2013/10/03
Block Diagram
Functional Block Diagram
Array Organization


Similar Part No. - EN27LN4G08

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN51208 EON-EN27LN51208 Datasheet
2Mb / 46P
   512 Megabit (64 M x 8) SLC, 3.3 V NAND Flash Memory
More results

Similar Description - EN27LN4G08

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN27LN2G08 EON-EN27LN2G08 Datasheet
3Mb / 56P
   2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
EN27LN1G08 EON-EN27LN1G08 Datasheet
888Kb / 41P
   1 Gigabit (128 M x 8), 3.3 V NAND Flash Memory
logo
Elite Semiconductor Mem...
F59D4G81KA ESMT-F59D4G81KA Datasheet
1Mb / 50P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
F59L4G81XB ESMT-F59L4G81XB Datasheet
2Mb / 87P
   4 Gbit (512M x 8) 3.3V NAND Flash Memory
F59D4G81XB ESMT-F59D4G81XB Datasheet
2Mb / 88P
   4 Gbit (512M x 8) 1.8V NAND Flash Memory
logo
Samsung semiconductor
K9L8G08U1A SAMSUNG-K9L8G08U1A Datasheet
730Kb / 44P
   512M x 8 Bit / 1G x 8 Bit NAND Flash Memory
K9K8G08U1M SAMSUNG-K9K8G08U1M Datasheet
1Mb / 41P
   512M x 8 Bits / 1G x 8 Bits NAND Flash Memory
logo
Hynix Semiconductor
H27U4G8F2D HYNIX-H27U4G8F2D Datasheet
1,015Kb / 62P
   4 Gbit (512M x 8 bit) NAND Flash
logo
Samsung semiconductor
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
logo
Macronix International
MX30LF1208AA-TI MCNIX-MX30LF1208AA-TI Datasheet
762Kb / 48P
   512M-bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com