Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5239KI Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL5239KI
Description  Pre-Distortion Linearizer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5239KI Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL5239KI Datasheet HTML 5Page - Intersil Corporation ISL5239KI Datasheet HTML 6Page - Intersil Corporation ISL5239KI Datasheet HTML 7Page - Intersil Corporation ISL5239KI Datasheet HTML 8Page - Intersil Corporation ISL5239KI Datasheet HTML 9Page - Intersil Corporation ISL5239KI Datasheet HTML 10Page - Intersil Corporation ISL5239KI Datasheet HTML 11Page - Intersil Corporation ISL5239KI Datasheet HTML 12Page - Intersil Corporation ISL5239KI Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
9
The IF converter frequency response is as shown in
Figure 7, with the folding effect shown in Figure 7A for the
x2, Fs/4 upconverter case.
Complex
The complex operating mode simply shifts the complex
baseband signal up by Fs/4 without any filtering or real
conversion. The operation of the IF converter in this mode is
shown in Figure 8.
Correction Filter (CF)
To compensate for imperfections in the analog filtering which
takes place after D/A conversion, the correction filter
provides an independent 13-tap FIR filter on each channel.
These filters may be programmed to remove differential
group delay and ripple characteristics of external analog
circuits including sin(x)/x correction and frequency response
imbalance between the I and Q channels using either
amplitude or group delay. This allows for correction of the
two physically separate I and Q analog response paths from
the DAC’s through the quadrature up-converter. It also
provides correction of the bandpass response when
operating in a complex frequency shifted IF mode. There are
two possible correction filter modes.
Real 2X
When the IF Converter is set to generate 2x sampled real
data, the Correction Filter must be reconfigured to process
this data correctly. In this mode it effectively provides one 13-
tap block-mode filter when the coefficients for the two filters
are programmed identically.
Complex or Real 1x
When configured for operation in the complex mode, one 13-
tap filter is provided for each the I and Q channels. In Real 1x
mode, the Q channel is not used.
Output Data Conditioner (ODC)
The Output Data Conditioner can apply I/Q balance
corrections, DC offset corrections and output format
conversions.
To compensate for gain/phase imperfections in external
analog modulation circuits which can result in poor image
rejection and reduced dynamic range, the ODC provides an
I/Q balance corrector. The I/Q balance corrector provides
four coefficients to control the magnitude of the direct and
FIGURE 7. x2, IFC FREQUENCY RESPONSE
FIGURE 7A. x2, IFC FREQUENCY RESP. WITH FOLDING
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-140
-120
-100
-80
-60
-40
-20
0
NORMALIZED FREQUENCY (NYQUIST=1)
IFC FILTER RESPONSE (x2 MODE)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-140
-120
-100
-80
-60
-40
-20
0
NORMALIZED FREQUENCY (NYQUIST=1)
IFC FILTER RESPONSE (x2 MODE, WITH FOLDING)
FIGURE 8. IF CONVERTER IN COMPLEX MODE OPERATION
Q
I
FROM
PD
ej(pi/2)(n)
Q
I
BYPASS
FIGURE 9. CORRECTION FILTER IN REAL 2X MODE
Q
I
FROM
IFC
I/Q FIRs
2
2
BYPASS
Z-1
2
Z-1
2
Q
I
FIGURE 10. CORRECTION FILTER IN COMPLEX MODE
Q
I
FROM
IFC
I-CHAN
FIR
Q
I
BYPASS
Q-CHAN
FIR
ISL5239


Similar Part No. - ISL5239KI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216 Datasheet
1Mb / 65P
   Four-Channel Programmable Digital DownConverter
ISL5216 INTERSIL-ISL5216 Datasheet
969Kb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Renesas Technology Corp
ISL5216 RENESAS-ISL5216 Datasheet
2Mb / 65P
   Four-Channel Programmable Digital Downconverter
logo
Intersil Corporation
ISL5216 INTERSIL-ISL5216 Datasheet
971Kb / 65P
   Four-Channel Programmable Digital Downconverter
July 13, 2007
More results

Similar Description - ISL5239KI

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH9A ETC1-WH9A Datasheet
105Kb / 2P
   Linearizer
logo
Linear Technology
DC1642 LINER-DC1642_15 Datasheet
108Kb / 1P
   PRE DISTORTION RECEIVER CLVOS OUTPUT
LTM9003 LINER-LTM9003 Datasheet
382Kb / 24P
   12-Bit Digital Pre-Distortion Receiver Subsystem
logo
Texas Instruments
GC5322IZND TI1-GC5322IZND Datasheet
395Kb / 4P
[Old version datasheet]   Wideband Digital Pre-Distortion Transmit IC Solution
logo
Linear Technology
LTM9003 LINER-LTM9003_15 Datasheet
442Kb / 24P
   12-Bit Digital Pre-Distortion Module Receiver Subsystem
logo
Tyco Electronics
LG1 MACOM-LG1 Datasheet
65Kb / 1P
   TO-8 THIN-FILM LINEARIZER
logo
M/A-COM Technology Solu...
LG1-SMLG1 MA-COM-LG1-SMLG1_15 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
LG1_SMLG1 MA-COM-LG1_SMLG1 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
LG1 MA-COM-LG1 Datasheet
153Kb / 3P
   TO-8 Thin-Film Linearizer
logo
Maxim Integrated Produc...
SC2200 MAXIM-SC2200 Datasheet
409Kb / 11P
   Dual RF Power Amplifier Linearizer (RFPAL)
Rev 1; 6/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com