Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5585AIM Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL5585AIM
Description  3.3V Ringing SLIC Family for Voice Over Broadband VOB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5585AIM Datasheet(HTML) 3 Page - Intersil Corporation

  ISL5585AIM Datasheet HTML 1Page - Intersil Corporation ISL5585AIM Datasheet HTML 2Page - Intersil Corporation ISL5585AIM Datasheet HTML 3Page - Intersil Corporation ISL5585AIM Datasheet HTML 4Page - Intersil Corporation ISL5585AIM Datasheet HTML 5Page - Intersil Corporation ISL5585AIM Datasheet HTML 6Page - Intersil Corporation ISL5585AIM Datasheet HTML 7Page - Intersil Corporation ISL5585AIM Datasheet HTML 8Page - Intersil Corporation ISL5585AIM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
Pin Description
PLCC
QFN
SYMBOL
DESCRIPTION
1
29
TIP
TIP power amplifier output.
2
30
BGND
Battery Ground - To be connected to zero potential. All loop current and longitudinal current flow from this
ground. Internally separate from AGND. This ground must be connected to the same potential as AGND.
3
31
VBL
Low battery supply connection.
4
32
VBH
High battery supply connection for the most negative battery.
5
1
SW+
Uncommitted switch positive terminal.
6
2
SW-
Uncommitted switch negative terminal.
73
SWC
Switch control input. This TTL compatible input controls the uncommitted switch, with a logic “0” enabling
the switch and logic “1” disabling the switch.
8
4
F2
Mode Control Input - MSB. F2-F0 for the TTL compatible parallel control interface for controlling the
various modes of operation of the device.
9
5
F1
Mode control input.
10
6
F0
Mode control input.
11
7
E0
Detector Output Selection Input. This TTL input controls the multiplexing of the SHD (E0 = 1) and GKD
(E0 = 0) comparator outputs to the DET output based upon the state at the F2-F0 pins (see the Device
Operating Modes table shown on page 2).
12
9
DET
Detector Output - This TTL output provides on-hook/off-hook status of the loop based upon the selected
operating mode. The detected output will either be switch hook, ground key or ring trip (see the Device
Operating Modes table shown on page 2). DET will be latched low following a ring trip. Unlatching the
DET pin is accomplished by changing logic state.
13
10
ALM
Thermal Shutdown Alarm. This pin signals the internal die temperature has exceeded safe operating
temperature (approximately 175oC) and the device has been powered down automatically.
14
11
AGND
Analog ground reference. This pin should be externally connected to BGND.
15
12
BSEL
Selects between high and low battery, with a logic “1” selecting the high battery and logic “0” the low
battery.
16
13
TL
Programming pin for the transient current limit feature, set by an external resistor to ground.
17
14
POL
External capacitor on this pin sets the polarity reversal time.
18
15
VRS
Ringing Signal Input - Analog input for driving 2-wire interface while in Ring Mode.
19
17
AUX
Auxiliary input - Float if not used.
20
18
VTX
Transmit Output Voltage - Output of impedance matching amplifier, AC couples through a resistor to
CODEC.
21
19
VFB
Feedback voltage for impedance matching. This voltage is scaled to accomplish impedance matching.
The CFB capacitor connects between this pin and the -IN pin. The CFB cap needs to be non-polarized
for proper device operation in the Reverse Active mode. Ceramic surface mount capacitors (1206 body
style) are available from Panasonic with a 6.3V voltage rating. These can be used for CFB since it is
internally limited to approximately ±3V.
22
20
-IN
Analog Receive Voltage - 4-wire analog audio input voltage. connects to CODEC via receive gain setting
resistor RIN (see Figure 18). Resistor RIN needs to be as close to the -IN pin as possible to minimize
parasitic capacitance.
23
21
VCC
Positive voltage power supply,+3.3V
24
22
CDC
DC Biasing Filter Capacitor - Connects between this pin and VCC.The CDC capacitor may be either
polarized or non polarized with a 6.3V voltage rating.
25
23
RT
Ring trip filter network.
26
24
ILIM
Loop Current Limit programming resistor.
27
25
SH
Switch hook detection threshold programming resistor.
---
26
SCC
Substrate Common Connection - Connect this pin to VBH Supply. This pin is used to connect the
substrate of the die and the thermal heatsink plane of the QFN package.
28
27
RING
RING power amplifier output.
ISL5585


Similar Part No. - ISL5585AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5585AIM INTERSIL-ISL5585AIM Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585AIM RENESAS-ISL5585AIM Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
ISL5585AIMZ INTERSIL-ISL5585AIMZ Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585AIMZ RENESAS-ISL5585AIMZ Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
More results

Similar Description - ISL5585AIM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5585 INTERSIL-ISL5585_04 Datasheet
454Kb / 24P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Renesas Technology Corp
ISL5585 RENESAS-ISL5585 Datasheet
1,003Kb / 23P
   3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Intersil Corporation
HC55185 INTERSIL-HC55185_06 Datasheet
358Kb / 20P
   VoIP Ringing SLIC Family
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
HC55180 INTERSIL-HC55180_05 Datasheet
388Kb / 21P
   Extended Reach Ringing SLIC Family
logo
Renesas Technology Corp
HC55183 RENESAS-HC55183 Datasheet
799Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Intersil Corporation
HC55180 INTERSIL-HC55180 Datasheet
158Kb / 19P
   Extended Reach Ringing SLIC Family
October 1998
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com