Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3502 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3502
Description  CDMA Power Management System
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3502 Datasheet(HTML) 3 Page - Analog Devices

  ADP3502_15 Datasheet HTML 1Page - Analog Devices ADP3502_15 Datasheet HTML 2Page - Analog Devices ADP3502_15 Datasheet HTML 3Page - Analog Devices ADP3502_15 Datasheet HTML 4Page - Analog Devices ADP3502_15 Datasheet HTML 5Page - Analog Devices ADP3502_15 Datasheet HTML 6Page - Analog Devices ADP3502_15 Datasheet HTML 7Page - Analog Devices ADP3502_15 Datasheet HTML 8Page - Analog Devices ADP3502_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
REV. 0
ADP3502
–3–
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
BASEBAND AVDD MAIN-LDO (LDO2a)
Output Voltage
VLDO2a
16 Steps, 20 mV/Step, IO = 50 mA
Code: 1000
2.30
2.36
2.43
V
Code: 0111
2.60
2.66
2.74
V
TA = 25
°C
Output Default Voltage
VLDO2a
IO = 50 mA, TA = 25
°C
2.46
2.52
2.6
V
Output Voltage
VLDO2a
16 Steps, 20 mV/Step, IO = 50 mA
Code: 1000
2.29
2.36
2.47
V
Code: 0111
2.57
2.66
2.81
V
TA = –30
°C to +85°C
Output Default Voltage
VLDO2a
IO = 50 mA, TA = –30
°C to +85°C
2.42
2.52
2.66
V
Output Capacitor Required for Stability
CLDO2a
1
µF
Dropout Voltage
VDO
IO = 50 mA
210
mV
Ripple Rejection
f = 1 kHz
60
dB
Output Noise Voltage
VNOISE
f = 100 Hz to 100 kHz
120
µV rms
Start-Up Time from Shutdown
250
µs
BASEBAND AVDD SUB-LDO (LDO2b)
Output Voltage
VLDO2b
IO = 300
µA, V
LDO2MAIN = 2.6 V
2.50
2.57
2.70
V
TA = –30
°C to +85°C
REFO SWITCH
On Resistance
RON
TA = –30
°C to +85°C, I
O = 500
µA50
130
Off Leak
ILEAK
LDO2: ON, Switch: OFF
0.01
1
µA
COIN CELL MAIN-LDO (LDO3a)
Output Voltage
VLDO3a
IO = 1 mA to 50 mA
2.90
3.0
3.09
V
TA = –30
°C to +85°C
Dropout Voltage
VDO
IO = 50 mA
140
mV
Output Capacitor Required for Stability
CLDO3a
1
µF
Start-Up Time from Shutdown
250
µs
COIN CELL SUB-LDO (LDO3b)
Output Voltage
VLDO3b
IO = 1 mA
2.85
2.97
3.15
V
TA = –30
°C to +85°C
AUDIO LDO (LDO4)
Output Voltage
VLDO4
IO = 1 mA to 180 mA
2.81
2.9
2.99
V
TA = –30
°C to +85°C
Output Capacitor Required for Stability
CLDO4
2.2
µF
Dropout Voltage
VDO
IO = 180 mA
200
mV
Ripple Rejection
f = 1 kHz
60
dB
Output Noise Voltage
VNOISE
f = 100 Hz to 10 kHz
50
µV rms
Start-Up Time from Shutdown
250
µs
VIBRATOR LDO (LDO5)
Output Voltage
VLDO5
IO = 1 mA to 150 mA
2.75
2.9
3.05
V
TA = –30
°C to +85°C
Dropout Voltage
VDO
IO = 150 mA
200
mV
Output Capacitor Required for Stability
CLDO5
2.2
µF
BASEBAND CORE MAIN-LDO (LDO6a)
Output Voltage
VLDO6a
IO = 1 mA to 150 mA
2.75
2.85
2.95
V
TA = –30
°C to +85°C
Output Capacitor Required for Stability
CLDO6a
2.2
µF
Dropout Voltage
VDO
IO = 150 mA
200
mV
Start-Up Time from Shutdown
250
µs


Similar Part No. - ADP3502_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3502ASU AD-ADP3502ASU Datasheet
714Kb / 36P
   CDMA Power Management System
REV. 0
More results

Similar Description - ADP3502_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3510 AD-ADP3510 Datasheet
283Kb / 16P
   CDMA Power Management System
REV. 0
logo
List of Unclassifed Man...
ADP3500 ETC-ADP3500 Datasheet
266Kb / 29P
   CDMA Power Management System
logo
Analog Devices
ADP3500 AD-ADP3500_15 Datasheet
932Kb / 29P
   CDMA Power Management System
REV. PrP 2/6/02
ADP3502 AD-ADP3502 Datasheet
714Kb / 36P
   CDMA Power Management System
REV. 0
logo
National Semiconductor ...
LP3919 NSC-LP3919 Datasheet
58Kb / 2P
   CDMA Power Management Unit
logo
Texas Instruments
LP3919 TI1-LP3919 Datasheet
654Kb / 7P
[Old version datasheet]   CDMA Power Management Unit
logo
Exar Corporation
XRP7725 EXAR-XRP7725 Datasheet
3Mb / 34P
   Power Management System
logo
Semtech Corporation
SC905 SEMTECH-SC905 Datasheet
779Kb / 21P
   CDMA Cellular Phone Power Management IC
SC905A SEMTECH-SC905A Datasheet
610Kb / 23P
   CDMA Cellular Phone Power Management IC
logo
Analog Devices
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com