Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR293 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR293
Description  Low Noise, Micropower 5.0 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR293 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR293_15 Datasheet HTML 4Page - Analog Devices ADR293_15 Datasheet HTML 5Page - Analog Devices ADR293_15 Datasheet HTML 6Page - Analog Devices ADR293_15 Datasheet HTML 7Page - Analog Devices ADR293_15 Datasheet HTML 8Page - Analog Devices ADR293_15 Datasheet HTML 9Page - Analog Devices ADR293_15 Datasheet HTML 10Page - Analog Devices ADR293_15 Datasheet HTML 11Page - Analog Devices ADR293_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADR293
Rev. D | Page 9 of 12
TERMINOLOGY
Line Regulation
The change in output voltage due to a specified change in input
voltage. It includes the effects of self-heating. Line regulation is
expressed in percent per volt, parts per million per volt, or
microvolts per volt change in input voltage.
Load Regulation
The change in output voltage due to a specified change in load
current. It includes the effects of self-heating. Load regulation is
expressed in microvolts per milliampere, parts per million per
milliampere, or ohms of dc output resistance.
Long-Term Stability
Typical shift of output voltage of 25°C on a sample of parts
subjected to high temperature operating life test of 1000 hours
at 125°C.
( )
()
1
OUT
0
OUT
OUT
t
V
t
V
V
=
Δ
[]
()
()
()
6
10
ppm
×
=
Δ
0
OUT
1
OUT
0
OUT
OUT
t
V
t
V
t
V
V
where:
VOUT (t0)
= VOUT at 25°C at time 0.
VOUT (t1)
= VOUT at 25°C after 1000 hours operation at 125°C.
NC = No Connect
There are in fact connections at NC pins, which are reserved for
manufacturing purposes. Users should not connect anything at
NC pins.
Temperature Coefficient
The change of output voltage over the operating temperature
change and normalized by the output voltage at 25°C, expressed
in ppm/°C.
[]
()
( )
()
()
6
10
C
ppm/
×
×
°
=
°
1
2
OUT
1
OUT
2
OUT
OUT
T
T
C
25
V
T
V
Τ
V
V
TC
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT (T1)
= VOUT at Temperature 1.
VOUT (T2)
= VOUT at Temperature 2.
Thermal Hysteresis
Thermal hysteresis is defined as the change of output voltage
after the device is cycled through temperatures from +25°C to
–40°C to +85°C and back to +25°C. This is a typical value from
a sample of parts put through such a cycle.
(
)
TC
OUT
OUT
HYS
OUT
V
C
25
V
V
°
=
[]
()
()
6
10
ppm
×
°
°
=
C
25
V
V
C
25
V
V
OUT
TC
OUT
OUT
HYS
OUT
where:
VOUT
(25°C) = VOUT at 25°C.
VOUT-TC
= VOUT (25°C) after temperature cycle at +25°C to –40°C
to +85°C and back to +25°C.


Similar Part No. - ADR293_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293ER AD-ADR293ER Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293ER-REEL AD-ADR293ER-REEL Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293ER-REEL7 AD-ADR293ER-REEL7 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
More results

Similar Description - ADR293_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
ADR293ERZ AD-ADR293ERZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
   Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
   PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
   Precision Micropower Low Dropout Voltage Reference
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
[Old version datasheet]   Precision Micropower Low Dropout Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com