Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5829IN Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL5829IN
Description  Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5829IN Datasheet(HTML) 1 Page - Intersil Corporation

  ISL5829IN Datasheet HTML 1Page - Intersil Corporation ISL5829IN Datasheet HTML 2Page - Intersil Corporation ISL5829IN Datasheet HTML 3Page - Intersil Corporation ISL5829IN Datasheet HTML 4Page - Intersil Corporation ISL5829IN Datasheet HTML 5Page - Intersil Corporation ISL5829IN Datasheet HTML 6Page - Intersil Corporation ISL5829IN Datasheet HTML 7Page - Intersil Corporation ISL5829IN Datasheet HTML 8Page - Intersil Corporation ISL5829IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
TM
FN6020.1
ISL5829
Dual 12-bit, +3.3V, 130/210+MSPS,
CommLinkTM High Speed D/A Converter
The ISL5829 is a dual 12-bit,
130/210+MSPS (Mega Samples
Per Second), CMOS, high speed,
low power, D/A (digital to analog) converter, designed
specifically for use in high performance communication
systems such as base transceiver stations utilizing 2.5G or
3G cellular protocols.
This device complements the CommLink ISL5x61 and
ISL5x29 families of high speed converters, which include 8-,
10-, 12-, and 14-bit devices.
Pinout
ISL5829
(LQFP)
TOP VIEW
Features
• Speed Grades . . . . . . . . . . . . . . . . 130M and 210+MSPS
•Low Power . . . . . 233mW with 20mA Output at 130MSPS
• Adjustable Full Scale Output Current . . . . . 2mA to 20mA
• Guaranteed Gain Matching < 0.14dB
• +3.3V Power Supply
• 3V LVCMOS Compatible Inputs
• Excellent Spurious Free Dynamic Range
(73dBc to Nyquist, fS = 130MSPS, fOUT = 10MHz)
• UMTS Adjacent Channel Power = 70dB at 19.2MHz
• EDGE/GSM SFDR = 90dBc at 11MHz in 20MHz Window
• Dual, 3.3V, Lower Power Replacement for AD9765
Applications
• Cellular Infrastructure - Single or Multi-Carrier: IS-136,
IS-95, GSM, EDGE, CDMA2000, WCDMA, TDS-CDMA
•BWA Infrastructure
• Quadrature Transmit with IF Range 0–80MHz
• Medical/Test Instrumentation and Equipment
• Wireless Communication Systems
Ordering Information
PART
NUMBER
TEMP.
RANGE
(oC)
PACKAGE
PKG. NO.
CLOCK
SPEED
ISL5829IN
-40 to 85
48 Ld LQFP
Q48.7x7A 130MHz
ISL5829/2IN
-40 to 85
48 Ld LQFP
Q48.7x7A 210MHz
ISL5829EVAL1
25
Evaluation Platform
210MHz
1
2
3
4
5
6
7
8
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
9
10
11
12
13 14 15 16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
QD4
QD5
QD6
QD7
QD8
QD9
QD10
QD11 (MSB)
CLK
DGND
AGND
QCOMP
ID5
ID4
ID3
ID2
ID1
NC
SLEEP
DVDD
AGND
ICOMP
(LSB) ID0
NC
Data Sheet
February 2002
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2002. All Rights Reserved
CommLink™ is a trademark of Intersil Americas Inc.


Similar Part No. - ISL5829IN

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5829IN RENESAS-ISL5829IN Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

Similar Description - ISL5829IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
1Mb / 13P
   10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
logo
Renesas Technology Corp
ISL5829 RENESAS-ISL5829 Datasheet
915Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5861 RENESAS-ISL5861 Datasheet
950Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5861IBZ INTERSIL-ISL5861IBZ Datasheet
667Kb / 14P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
October 7, 2015
ISL5861 INTERSIL-ISL5861_04 Datasheet
686Kb / 13P
   12-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com