Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL57406IN Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL57406IN
Description  3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL57406IN Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL57406IN Datasheet HTML 4Page - Intersil Corporation ISL57406IN Datasheet HTML 5Page - Intersil Corporation ISL57406IN Datasheet HTML 6Page - Intersil Corporation ISL57406IN Datasheet HTML 7Page - Intersil Corporation ISL57406IN Datasheet HTML 8Page - Intersil Corporation ISL57406IN Datasheet HTML 9Page - Intersil Corporation ISL57406IN Datasheet HTML 10Page - Intersil Corporation ISL57406IN Datasheet HTML 11Page - Intersil Corporation ISL57406IN Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
3-10
analog sample is taken (see the timing diagram in Figure 1).
This time delay is specified as the data latency. After the
data latency time, the digital data representing each
succeeding analog sample is output during the following
clock cycle. The digital output data is provided in offset
binary format (see Table 1, A/D Code Table).
Internal Reference Voltage Output, VROUT
The ISL5740 is equipped with an internal 1.25V bandgap
reference voltage generator, therefore, no external reference
voltage is required. VROUT should be connected to VRIN
when using the internal reference voltage. An external, user-
supplied, 0.1
µF capacitor may be connected from the VROUT
output pin to filter any stray board noise.
Reference Voltage Inputs, I/Q VREFIN
The ISL5740 is designed to accept a 1.25V reference
voltage source at the VRIN input pins for the I and Q
channels. Typical operation of the converter requires VRIN to
be set at 1.25V. The ISL5740 is tested with VRIN connected
to VROUT yielding a fully differential analog input voltage
range of
±0.5V.
The user does have the option of supplying an external 1.25V
reference voltage. As a result of the high input impedance
presented at the VRIN input pin, MΩ typically, the external
reference voltage being used is only required to source small
amount of reference input current.
In order to minimize overall converter noise it is
recommended that adequate high frequency decoupling be
provided at the reference voltage input pin, VRIN.
Analog Input, Differential Connection
The analog input of the ISL5740 is a differential input that
can be configured in various ways depending on the signal
source and the required level of performance. A fully
differential connection (Figure 16 and Figure 17) will deliver
the best performance from the converter.
Since the ISL5740 is powered by a single +3V analog
supply, the analog input is limited to be between ground and
+3V. For the differential input connection this implies the
analog input common mode voltage can range from 0.25V to
2.75V. The performance of the ADC does not change
significantly with the value of the analog input common
mode voltage.
For the AC coupled differential input (Figure 16) and with VRIN
connected to VROUT, full scale is achieved when the VIN and
-VIN input signals are 0.5VP-P, with -VIN being 180 degrees
out of phase with VIN. The converter will be at positive full
scale when the I/QIN+ input is at I/QVRIN + 0.25V and the
I/QIN- input is at I/QVRIN - 0.25V (I/QIN+ - I/QIN- = +0.5V).
Conversely, the converter will be at negative full scale when
the I/QIN+ input is equal to I/QVRIN - 0.25V and I/QIN- is at
I/QVRIN + 0.25V (I/QIN+ - I/QIN- = -0.5V).
The analog input can be DC coupled (Figure 17) as long as
the inputs are within the analog input common mode voltage
range (0.25V
≤ VDC ≤ 2.75V).
The resistors, R, in Figure 17 are not absolutely necessary
but may be used as load setting resistors. A capacitor, C,
connected from I/QIN+ to I/QIN- will help filter any high
frequency noise on the inputs, also improving performance.
Values around 20pF are sufficient and can be used on AC
coupled inputs as well. Note, however, that the value of
capacitor C chosen must take into account the highest
frequency component of the analog input signal.
Analog Input, Single-Ended Connection
The configuration shown in Figure 18 may be used with a
single ended AC coupled input.
Again, with VRIN connected to VROUT, if VIN is a 1VP-P
sinewave, then I/QIN+ is a 1.0VP-P sinewave riding on a
positive voltage equal to VDC. The converter will be at
positive full scale when I/QIN+ is at VDC + 0.5V (I/QIN+ -
I/QIN+
I/QVRIN
I/QIN-
ISL5740
VIN
-VIN
R
R
FIGURE 4. AC COUPLED DIFFERENTIAL INPUT
I/QIN+
I/QVRIN
I/QIN-
ISL5740
VIN
-VIN
R
R
C
VDC
VDC
FIGURE 5. DC COUPLED DIFFERENTIAL INPUT
I/QIN+
I/QIN-
ISL5740
VIN
VDC
R
FIGURE 6. AC COUPLED SINGLE ENDED INPUT
ISL5740


Similar Part No. - ISL57406IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5727EVAL1 INTERSIL-ISL5727EVAL1 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727IN INTERSIL-ISL5727IN Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

Similar Description - ISL57406IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5640 INTERSIL-ISL5640 Datasheet
92Kb / 11P
   3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI57626INZ INTERSIL-HI57626INZ Datasheet
286Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5762 RENESAS-HI5762 Datasheet
745Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
logo
Intersil Corporation
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com