Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR512 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR512
Description  1.2 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR512 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR512_15 Datasheet HTML 4Page - Analog Devices ADR512_15 Datasheet HTML 5Page - Analog Devices ADR512_15 Datasheet HTML 6Page - Analog Devices ADR512_15 Datasheet HTML 7Page - Analog Devices ADR512_15 Datasheet HTML 8Page - Analog Devices ADR512_15 Datasheet HTML 9Page - Analog Devices ADR512_15 Datasheet HTML 10Page - Analog Devices ADR512_15 Datasheet HTML 11Page - Analog Devices ADR512_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADR512
Data Sheet
Rev. A | Page 10 of 12
OUTLINE DIMENSIONS
3.04
2.90
2.80
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
1.40
1.30
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.25
0.54
REF
GAUGE
PLANE
0.60 MAX
0.30 MIN
1.02
0.95
0.88
Figure 15. 3-Lead Small Outline Transistor Package [SOT-23]
(RT-3)
Dimensions shown in millimeters
ORDERING GUIDE
Initial Accuracy
Model
Output Voltage
(VO)
(mV)
(%)
Temperature
Coefficient
(ppm/°C)
Package
Description
Package
Option
Branding
Number
of Parts
per Reel
Temperature
Range
ADR512ARTZ-REEL7
1.2
3.5
0.3
60
3-Lead SOT-23
RT-3
R1R
3,000
−40°C to +85°C


Similar Part No. - ADR512_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512ART-R2 AD-ADR512ART-R2 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ART-REEL7 AD-ADR512ART-REEL7 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results

Similar Description - ADR512_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com